データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD101CWS-7 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 SD101CWS-7
部品情報  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD101CWS-7 データシート(HTML) 2 Page - Diodes Incorporated

  SD101CWS-7 Datasheet HTML 1Page - Diodes Incorporated SD101CWS-7 Datasheet HTML 2Page - Diodes Incorporated SD101CWS-7 Datasheet HTML 3Page - Diodes Incorporated SD101CWS-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD101AWS – SD101CWS
Document number: DS30078 Rev. 12 - 2
2 of 4
www.diodes.com
January 2012
© Diodes Incorporated
SD101AWS – SD101CWS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
SD101AWS
SD101BWS
SD101CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current (Note 4)
IFM
15
mA
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
@ t = 10
μs
IFSM
50
2.0
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 5)
SD101AWS
V(BR)R
60
V
IR = 10μA
SD101BWS
50
IR = 10μA
SD101CWS
40
IR = 10μA
Forward Voltage Drop
SD101AWS
VFM
0.41
V
IF = 1.0mA
SD101BWS
0.40
IF = 1.0mA
SD101CWS
0.39
IF = 1.0mA
SD101AWS
1.00
IF = 15mA
SD101BWS
0.95
IF = 15mA
SD101CWS
0.90
IF = 15mA
Peak Reverse Current (Note 5)
SD101AWS
IRM
200
nA
VR = 50V
SD101BWS
200
VR = 40V
SD101CWS
200
VR = 30V
Total Capacitance
SD101AWS
CT
2.0
pF
VR = 0V, f = 1.0MHz
SD101BWS
2.1
VR = 0V, f = 1.0MHz
SD101CWS
2.2
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.


同様の部品番号 - SD101CWS-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SD101CWS-7-F DIODES-SD101CWS-7-F Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
SD101CWS-7-F DIODES-SD101CWS-7-F Datasheet
81Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 11 - 2
SD101CWS-7-F DIODES-SD101CWS-7-F Datasheet
83Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - SD101CWS-7

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com