データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA-120-ALE データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SLA-120-ALE
部品情報  Diversified Electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SLA-120-ALE データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SLA-120-ALE Datasheet HTML 1Page - List of Unclassifed Manufacturers SLA-120-ALE Datasheet HTML 2Page - List of Unclassifed Manufacturers SLA-120-ALE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SLA Series
800.727.5646
atcdiversified.com
Diversified Electronics
217
MODEL
NUMBER
OPERATING
VOLTAGE
TYPE OF
ADJUSTMENT
DROP-OUT VOLTAGE
AGENCY
APPROVAL
OUTPUT RATINGS
1 Ø LOW
3 Ø LOW
SLA-120-ALA
95-130 Adj
Lock Shaft
79-108
85-117
DPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC. Figure 2
SLA-120-ASA
Screwdriver
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SLA-120-ASB
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 3
SLA-230-ALA
190-270 Adj.
Lock Shaft
158-224
171-243
DPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 2
SLA-230-ASA
Screwdriver
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SLA-230-ASB
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 3
SLA-380-ASA
350-440 Adj.
290-365
315-396
SPDT, 360 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SLA-440-ASA
430-480 Adj.
357-398
387-432
SUA-120-ALA
95-130 Adj.
Lock Shaft
79-108
85-117
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SUA-120-ALAU*
SUA-230-ALA
190-270 Adj.
158-224
171-243
SUA-230-ALAU*
SUA-380-ASA
350-440 Adj.
Screwdriver
290-365
315-396
SPDT, 360 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SUA-440-ASA
430-480 Adj.
357-398
387-432
*UL Listed only when used with RB-08 relay socket; 5 Amps Resistive @ 240 VAC. All voltages referenced on this page are phase-to-phase.
Models also available with fixed operating voltages. Consult factory.
MODEL
NUMBER
OPERATING
VOLTAGE
DROP-OUT VOLTAGE
RESET
AGENCY
APPROVAL
OUTPUT RATINGS
1 Ø LOW
3 Ø LOW
SLA-120-ALE
95-130 Adj.
79-108
85-117
Automatic
DPDT, 211 VA Inductive; 10 Amps
Resistive @ 120 VAC. Figure 4
SLA-120-ALER
Manual
DPDT, 211 VA Inductive; 10 Amps
Resistive @ 120 VAC. Figure 4
SLA-230-ALE
190-270 Adj.
158-224
171-243
Automatic
DPDT, 345 VA Inductive; 5 Amps
Resistive @ 240 VAC. Figure 4
SLA-230-ALER
Manual
DPDT, 345 VA Inductive; 5 Amps
Resistive @ 240 VAC. Figure 4
SLA-380-ALE
350-440 Adj.
290-365
315-396
Automatic
DPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 4
SLA-380-ALER
Manual
SPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 5
SLA-440-ALE
430-480 Adj.
357-398
387-432
Automatic
DPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 4
SLA-440-ALER
Manual
SPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 5
SLA-575-ALE
525-625 Adj.
436-519
473-563
Automatic
DPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 4
All voltage referenced are phase-to-phase.—Models also available with fixed operating voltages. Consult factory.
MODEL
NUMBER
OPERATING
VOLTAGE
TYPE OF OPERATION
DROP-OUT VOLTAGE
AGENCY
APPROVAL
1 Ø LOW
3 Ø LOW
SLA-120-AFN
120
Fixed
100
108
SLA-208-AFN
208
Fixed
173
187
SLA-220-AFN
220
Fixed
183
198
SLA-240-AFN
240
Fixed
199
216
All voltage referenced are phase-to-phase.
STYLE A PLUG-IN
STYLE E SURFACE MOUNTED ENCLOSURE
STYLE N EPOXY ENCAPSULATED
\\\ORDERING INFORMATION


同様の部品番号 - SLA-120-ALE

メーカー部品番号データシート部品情報
logo
Ningbo songle relay co....
SLA-12VDC-SL-A SONGLERELAY-SLA-12VDC-SL-A Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-12VDC-SL-B SONGLERELAY-SLA-12VDC-SL-B Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
3Mb / 2P
   Miniature volume, PCB usage
More results

同様の説明 - SLA-120-ALE

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
NA551 AXIOMTEK-NA551 Datasheet
261Kb / 1P
   Supports diversified LAN modules expansion
logo
Ohmite Mfg. Co.
RES-MCS OHMITE-RES-MCS Datasheet
494Kb / 2P
   Industrial electronics, power electronics
logo
List of Unclassifed Man...
Z8E00010PSC ETC-Z8E00010PSC Datasheet
69Kb / 1P
   electronics
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Winchester Electronics ...
SDKC-59-226 WINCHESTER-SDKC-59-226 Datasheet
95Kb / 1P
   KINGS ELECTRONICS
logo
Festo Corporation.
8066765 FESTO-8066765 Datasheet
81Kb / 1P
   Electronics module
8/9/22
533360 FESTO-533360 Datasheet
79Kb / 1P
   Electronics module
8/9/22
533361 FESTO-533361 Datasheet
78Kb / 1P
   Electronics module
8/9/22
537987 FESTO-537987 Datasheet
77Kb / 1P
   Electronics module
8/9/22
543333 FESTO-543333 Datasheet
79Kb / 1P
   Electronics module
8/9/22
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com