データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV2022 データシート(PDF) 1 Page - Skyworks Solutions Inc.

部品番号 SMV2022
部品情報  SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2022 データシート(HTML) 1 Page - Skyworks Solutions Inc.

  SMV2022 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200074M • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 14, 2012
1
DATA SHEET
SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning
Varactors
Applications
• Low phase noise VCOs in wireless systems
• RF and microwave VCOs and phase shifters
Features
• Low series resistance
• High capacitance ratio at low reverse voltage
• Packages rated MSL1, 260
°C per JEDEC J-STD-020
Description
The SMV2019-SMV2023 series are silicon hyperabrupt junction
varactor diodes. The capacitance ratio and low series resistance
of these varactors make them attractive for low phase noise
Voltage-Controlled Oscillators (VCOs) in wireless systems.
Table 1 describes the various packages and markings of the
SMV2019-SMV2023 series of varactors.
Table 1. Packaging and Marking
Single
Common Cathode
Single
Single
Single
SOT-23
SOT-23
SOD-323
Green™
SC-79
Green™
SOD-882
Green™
SMV2019-079LF
Marking: Cathode
SMV2019-040LF
Marking: Z
SMV2022-004
Marking: VJ3
SMV2020-079LF
Marking: Cathode
SMV2022-004LF
Green™
Marking: DJ3
SMV2023-001
Marking: VK1
SMV2023-004
Marking: VK3
SMV2023-001LF
Green™
Marking: DK1
SMV2023-004LF
Green™
Marking: DK3
SMV2023-011LF
Marking: DK1
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.7 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not recommended
for new designs.


同様の部品番号 - SMV2022

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV2022 SKYWORKS-SMV2022 Datasheet
79Kb / 5P
   Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2022 SKYWORKS-SMV2022 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV2022

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com