データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL7202C データシート(PDF) 2 Page - Elantec Semiconductor

部品番号 EL7202C
部品情報  High Speed, Dual Channel Power MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELANTEC [Elantec Semiconductor]
ホームページ  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7202C データシート(HTML) 2 Page - Elantec Semiconductor

  EL7202C Datasheet HTML 1Page - Elantec Semiconductor EL7202C Datasheet HTML 2Page - Elantec Semiconductor EL7202C Datasheet HTML 3Page - Elantec Semiconductor EL7202C Datasheet HTML 4Page - Elantec Semiconductor EL7202C Datasheet HTML 5Page - Elantec Semiconductor EL7202C Datasheet HTML 6Page - Elantec Semiconductor EL7202C Datasheet HTML 7Page - Elantec Semiconductor EL7202C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EL7202CEL7212CEL7222C
High Speed Dual Channel Power MOSFET Drivers
Absolute Maximum Ratings
Supply (Va to Gnd)
165V
Input Pins
b
03V to a03V above V
a
Combined Peak Output Current
4A
Storage Temperature Range
b
65 Cto a150 C
Ambient Operating Temperature
b
40 Cto a85 C
Operating Junction Temperature
125 C
Power Dissipation
SOIC
570 mW
PDIP
1050 mW
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics T
A
e
25 C V e 15V unless otherwise specified
Parameter
Description
Test
Min
Typ
Max
Test
Units
Conditions
Level
Input
VIH
Logic ‘‘1’’ Input Voltage
24
I
V
IIH
Logic ‘‘1’’ Input Current
Va
01
10
I
mA
VIL
Logic ‘‘0’’ Input Voltage
08
I
V
IIL
Logic ‘‘0’’ Input Current
0V
01
10
I
mA
VHVS
Input Hysteresis
03
V
V
Output
ROH
Pull-Up Resistance
IOUT eb100 mA
3
6
I
X
ROL
Pull-Down Resistance
IOUT ea100 mA
4
6
I
X
IPK
Peak Output Current
Source
2
IV
A
Sink
2
IDC
Continuous Output Current
SourceSink
100
I
mA
Power Supply
IS
Power Supply Current
Inputs High7202
45
75
I
Inputs High7212
1
25
I
mA
Inputs High7222
25
50
I
VS
Operating Voltage
45
15
I
V
2


同様の部品番号 - EL7202C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL7202CN INTERSIL-EL7202CN Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202CN RENESAS-EL7202CN Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202CS INTERSIL-EL7202CS Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
More results

同様の説明 - EL7202C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com