データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3184V データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FOD3184V
部品情報  3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3184V データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD3184V Datasheet HTML 2Page - Fairchild Semiconductor FOD3184V Datasheet HTML 3Page - Fairchild Semiconductor FOD3184V Datasheet HTML 4Page - Fairchild Semiconductor FOD3184V Datasheet HTML 5Page - Fairchild Semiconductor FOD3184V Datasheet HTML 6Page - Fairchild Semiconductor FOD3184V Datasheet HTML 7Page - Fairchild Semiconductor FOD3184V Datasheet HTML 8Page - Fairchild Semiconductor FOD3184V Datasheet HTML 9Page - Fairchild Semiconductor FOD3184V Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3184 Rev. 1.0.4
6
Switching Characteristics
Apply over all recommended conditions, typical value is measured at VDD = 30V, VSS = 0V, TA = 25°C,
unless otherwise specified.
*Typical values at TA = 25°C
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
tPLH
Propagation Delay Time to High Output Level(6)
IF = 10mA,
Rg = 10Ω,
f = 250kHz,
Duty Cycle = 50%,
Cg = 10nF
50
120
210
ns
tPHL
Propagation Delay Time to Low Output Level(6)
50
145
210
ns
PWD
Pulse Width Distortion(7)
35
65
ns
PDD
(tPHL – tPLH)
Propagation Delay Difference Between Any
Two Parts(8)
-90
90
ns
tr
Rise Time
CL = 10nF,
Rg = 10Ω
38
ns
tf
Fall Time
24
ns
tUVLO ON
UVLO Turn On Delay
2.0
µs
tUVLO OFF
UVLO Turn Off Delay
0.3
µs
| CMH |
Output High Level Common Mode Transient
Immunity(9) (10)
TA = +25°C,
If = 10mA to 16mA,
VCM = 2kV,
VDD = 30V
35
50
kV/µs
| CML |
Output Low Level Common Mode Transient
Immunity(9) (11)
TA = +25°C,
Vf = 0V,
VCM = 2kV,
VDD = 30V
35
50
kV/µs
Symbol Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
VISO
Withstand Isolation Voltage(12) (13) TA = 25°C,
R.H. < 50%, t = 1min.,
II-O ≤ 10µA
5000
Vrms
RI-O
Resistance (input to output)(13)
VI-O = 500V
1011
CI-O
Capacitance (input to output)
Freq. = 1MHz
1
pF


同様の部品番号 - FOD3184V

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
More results

同様の説明 - FOD3184V

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com