データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQPF6N90CT データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQPF6N90CT
部品情報  N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6N90CT データシート(HTML) 2 Page - Fairchild Semiconductor

  FQPF6N90CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Package Marking and Ordering Information
©2006 Fairchild Semiconductor Corporation
FQP6N90C / FQPF6N90C Rev. C1
www.fairchildsemi.com
2
Notes:
1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 34 mH, IAS = 6 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 6 A, di/dt ≤ 200 A/µs , VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQP6N90C
FQP6N90C
TO-220
N/A
N/A
50 units
Packing Method
Tube
TO-220F
Tube
N/A
N/A
50 units
FQPF6N90C
FQPF6N90C
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
900
--
--
V
∆BVDSS
/ ∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
1.07
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 900 V, VGS = 0 V
--
--
10
µA
VDS = 720 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 3 A
--
1.93
2.3
gFS
Forward Transconductance
VDS = 50 V, ID = 3 A
--
5.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1360
1770
pF
Coss
Output Capacitance
--
110
145
pF
Crss
Reverse Transfer Capacitance
--
11
15
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 450 V, ID = 6 A,
RG = 25 Ω
(Note 4)
--
35
80
ns
tr
Turn-On Rise Time
--
90
190
ns
td(off)
Turn-Off Delay Time
--
55
120
ns
tf
Turn-Off Fall Time
--
60
130
ns
Qg
Total Gate Charge
VDS = 720 V, ID = 6 A,
VGS = 10 V
(Note 4)
--
30
40
nC
Qgs
Gate-Source Charge
--
9.0
--
nC
Qgd
Gate-Drain Charge
--
12
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
6.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
24
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 6 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 6 A,
dIF / dt = 100 A/µs
--
630
--
ns
Qrr
Reverse Recovery Charge
--
6.9
--
µC


同様の部品番号 - FQPF6N90CT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF6N90C FAIRCHILD-FQPF6N90C Datasheet
860Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF6N90C ISC-FQPF6N90C Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FQPF6N90CT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com