データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-181 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-181
部品情報  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HCPL-181
Phototransistor Optocoupler SMD Mini-Flat Type
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Description
The HCPL-181 contains a light emitting diode optically
coupled to a phototransistor. It is packaged in a 4-pin mini-
flat SMD package with a 2.0 mm profile.The small dimension
of this product allows significant space saving.The package
volume is 30% smaller than that of conventional DIP type.
Input-output isolation voltage is 3750 Vrms. Response
time, tr, is typically 4 μs and minimum CTR is 50% at input
current of 5 mA.
Schematic
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
 Current Transfer Ratio
(CTR: min. 50% at IF = 5 mA, VCE = 5 V)
 High input-output isolation voltage
(Viso = 3750 Vrms)
 High collector-emitter voltage (VCEO = 80 V)
 Response time
(tr: typ., 4 μs at VCE = 2 V, IC = 2 mA, RL = 100 Ω)
 Mini-flat package (2.0 mm profile) in tape and reel
package
 UL approved
 CSA approved
 IEC/EN/DIN EN 60747-5-2 approved
 Options available:
– IEC/EN/DIN EN 60747-5-2 approvals (060)
Applications
 I/O interfaces for computers
 System appliances, measuring instruments
 Signal transmission between circuits of different
potentials and impedances
 Feedback circuit in power supply
1
2
ANODE
CATHODE
VF
+
IF
4
3
COLLECTOR
EMITTER
IC
4
3
12
PIN NO. AND INTERNAL CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR


同様の部品番号 - HCPL-181

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181-000E HP-HCPL-181-000E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

同様の説明 - HCPL-181

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com