データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-181 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-181
部品情報  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Ordering Information
HCPL-181 is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Accep-
tance Notice #5, File CA 88324
Part
Number
RoHS Compliant Option
Package
Surface
Mount
Tape
& Reel
IEC/EN/DIN
EN 60747-5-2
Quantity
Rank '0'
50%<CTR
<600%
Rank 'A'
80%<CTR
<160%
Rank 'B'
130%<CTR
<260%
Rank 'C'
200%<CTR
<400%
Rank 'D'
300%<CTR
<600%
HCPL-
181
-000E
-00AE
-00BE
-00CE
-00DE
SO-4
X
X
3000 pcs
per reel
-060E
-06AE
-06BE
-06CE
-06DE
SO-4
X
X
X
3000 pcs
per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-181-00AE to order product of Miniflat-4 DC Surface Mount package in Tape and Reel packaging with
80%<CTR<160% and RoHS compliant.
Example 2:
HCPL-181-060E to order product of Miniflat-4 DC Surface Mount package in Tape and Reel packaging with
50%<CTR<600%, IEC/EN/DIN EN60747-5-2 Safety Approval and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.


同様の部品番号 - HCPL-181

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181-000E HP-HCPL-181-000E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

同様の説明 - HCPL-181

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com