データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL0600 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 HCPL0600
部品情報  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0600 データシート(HTML) 3 Page - Fairchild Semiconductor

  HCPL0600 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
3
Absolute Maximum Ratings (No derating required up to 85°C)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
*6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is
5.0mA or less
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
EMITTER
IF
DC/Average Forward Input Current
(each channel)
Single Channel
50
mA
Dual Channel
VE
Enable Input Voltage
Not to exceed VCC by more than 500mV
Single Channel
5.5
V
VR
Reverse Input Voltage (each channel)
5.0
V
PI
Power Dissipation
Single Channel
45
mW
Dual Channel
DETECTOR
VCC
(1 minute max)
Supply Voltage
7.0
V
IO
Output Current (each channel)
Single Channel
50
mA
Dual Channel
15
VO
Output Voltage (each channel)
7.0
V
PO
Collector Output Power Dissipation
Single Channel
85
mW
Dual Channel
85
Symbol
Parameter
Min.
Max.
Units
IFL
Input Current, Low Level
0
250
µA
IFH
Input Current, High Level
*6.3
15
mA
VCC
Supply Voltage, Output
4.5
5.5
V
VEL
Enable Voltage, Low Level
Single Channel only
0
0.8
V
VEH
Enable Voltage, High Level
Single Channel only
2.0
VCC
V
TA
Operating Temperature
-40
+85
°C
N
Fan Out (TTL load)
Single Channel
8
TTL Loads
Dual Channel
5
RL
Output Pull-up
330
4K
Ω


同様の部品番号 - HCPL0600

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

同様の説明 - HCPL0600

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com