データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7473TR データシート(PDF) 2 Page - International Rectifier

部品番号 IRF7473TR
部品情報  Telecom and Data-Com 24 and 48V input DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7473TR データシート(HTML) 2 Page - International Rectifier

  IRF7473TR Datasheet HTML 1Page - International Rectifier IRF7473TR Datasheet HTML 2Page - International Rectifier IRF7473TR Datasheet HTML 3Page - International Rectifier IRF7473TR Datasheet HTML 4Page - International Rectifier IRF7473TR Datasheet HTML 5Page - International Rectifier IRF7473TR Datasheet HTML 6Page - International Rectifier IRF7473TR Datasheet HTML 7Page - International Rectifier IRF7473TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7473
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
10
–––
–––
S
VDS = 50V, ID = 4.1A
Qg
Total Gate Charge
–––
61
–––
ID = 4.1A
Qgs
Gate-to-Source Charge
–––
21
–––
nC
VDS = 50V
Qgd
Gate-to-Drain ("Miller") Charge
–––
19
–––
VGS = 10V,
td(on)
Turn-On Delay Time
–––
24
–––
VDD = 50V
tr
Rise Time
–––
20
–––
ID = 4.1A
td(off)
Turn-Off Delay Time
–––
29
–––
RG = 6.0Ω
tf
Fall Time
–––
11
–––
VGS = 10V
ƒ
Ciss
Input Capacitance
–––
3180 –––
VGS = 0V
Coss
Output Capacitance
–––
230
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
120
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
830
–––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
150
–––
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
230
–––
VGS = 0V, VDS = 0V to 80V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
140
mJ
IAR
Avalanche Current

–––
4.1
A
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 4.1A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
55
–––
ns
TJ = 25°C, IF = 4.1A
Qrr
Reverse RecoveryCharge
–––
140
–––
nC
di/dt = 100A/µs
ƒ
Diode Characteristics
2.3
55
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C Reference to 25°C, ID = 1mA
ƒ
RDS(on)
Static Drain-to-Source On-Resistance
–––
22
26
m
VGS = 10V, ID = 4.1A
ƒ
VGS(th)
Gate Threshold Voltage
3.5
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
1.0
µA
VDS = 95V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
IGSS
IDSS
Drain-to-Source Leakage Current


同様の部品番号 - IRF7473TR

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
IRF7473TRPBF ISC-IRF7473TRPBF Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF7473TRPBF VBSEMI-IRF7473TRPBF Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

同様の説明 - IRF7473TR

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7473PBF IRF-IRF7473PBF_15 Datasheet
132Kb / 8P
   Telecom and Data-Com 24 and 48V input DC-DC converters
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
   24V 48V Input Full brick DC-DC Converters
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Unisonic Technologies
2SD2470 UTC-2SD2470 Datasheet
36Kb / 3P
   STROBO AND DC/DC CONVERTERS
2SD2470 UTC-2SD2470_15 Datasheet
152Kb / 3P
   STROBO AND DC/DC CONVERTERS
logo
Bel Fuse Inc.
STM48 BEL-STM48 Datasheet
1Mb / 30P
   48V-to-PoL isolated DC-DC converters
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
   DC Fan - 12, 24, 48V
logo
Bel Fuse Inc.
07CR-15T BEL-07CR-15T Datasheet
125Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 8V/15A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com