データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4532DA727XFA データシート(PDF) 5 Page - Elpida Memory

部品番号 MC-4532DA727XFA
部品情報  32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532DA727XFA データシート(HTML) 5 Page - Elpida Memory

  MC-4532DA727XFA Datasheet HTML 1Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 2Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 3Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 4Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 5Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 6Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 7Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 8Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet E0279N10 (Ver. 1.0)
5
MC-4532DA727XFA
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 1 ms and then, execute power on sequence and CBR (Auto) refresh before proper
device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Voltage on power supply pin relative to GND
VCC
–0.5 to +4.6
V
Voltage on input pin relative to GND
VT
–0.5 to +4.6
V
Short circuit output current
IO
50
mA
Power dissipation
PD
22
W
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
High level input voltage
VIH
2.0
VCC + 0.3
V
Low level input voltage
VIL
–0.3
+ 0.8
V
Operating ambient temperature
TA
0
70
°C
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI1
A0 - A11, BA0 (A13), BA1 (A12),
/RAS, /CAS, /WE
7
20
pF
CI2
CLK0
15
25
CI3
CKE0
7
20
CI4
/CS0, /CS2
4
10
CI5
DQMB0 - DQMB7
3
12
Data input/output capacitance
CI/O
DQ0 - DQ63, CB0 - CB7
5
13
pF


同様の部品番号 - MC-4532DA727XFA

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4532DA727XFA-A75 ELPIDA-MC-4532DA727XFA-A75 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

同様の説明 - MC-4532DA727XFA

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com