データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM26CIM5 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM26CIM5
部品情報  LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5 データシート(HTML) 4 Page - Texas Instruments

  LM26CIM5 Datasheet HTML 1Page - Texas Instruments LM26CIM5 Datasheet HTML 2Page - Texas Instruments LM26CIM5 Datasheet HTML 3Page - Texas Instruments LM26CIM5 Datasheet HTML 4Page - Texas Instruments LM26CIM5 Datasheet HTML 5Page - Texas Instruments LM26CIM5 Datasheet HTML 6Page - Texas Instruments LM26CIM5 Datasheet HTML 7Page - Texas Instruments LM26CIM5 Datasheet HTML 8Page - Texas Instruments LM26CIM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM26
SNIS115R – MAY 2001 – REVISED FEBRUARY 2013
www.ti.com
LM26 Electrical Characteristics
The following specifications apply for V
+ = 2.7V
DC to 5.5VDC, and VTEMP load current = 0µA unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C unless otherwise specified.
LM26CIM
Symbol
Parameter
Conditions
Typical (1)
Units (Limits)
Limits (2)
Temperature Sensor
Trip Point Accuracy (Includes VREF, DAC,
-55°C
≤ TA ≤ +110°C
±3
°C (max)
Comparator Offset, and Temperature
+120°C
±4
°C (max)
Sensitivity errors)
HYST = GND
11
°C
Trip Point Hysteresis
HYST = V+
2
°C
VTEMP Output Temperature Sensitivity
−10.82
mV/°C
VTEMP Temperature Sensitivity Error to
−30°C ≤ TA ≤ 120°C, 2.7V
±3
°C (max)
Equation:
≤ V+ ≤ 5.5V
VO
=
(
−3.479×10−6×(T−30)2)
+ −55°C ≤ TA ≤ 120°C, 4.5V
±3
°C (max)
(
−1.082×10−2×(T−30)) + 1.8015V
≤ V+ ≤ 5.5V
TA = 30°C
±2.5
°C (max)
Source
≤ 1 μA
0.070
mV
VTEMP Load Regulation
Sink
≤ 40 μA
0.7
mV (max)
+2.7V
≤ V+ ≤ +5.5V,
VTEMP Line Regulation
−0.2
mV/V
−30°C ≤ TA ≤ +120°C
16
20
µA (max)
IS
Supply Current
40
µA (max)
Digital Output and Input
IOUT(“1”)
Logical “1” Output Leakage Current (3)
V+ = +5.0V
0.001
1
µA (max)
IOUT = +1.2mA and
VOUT(“0”)
Logical “0” Output Voltage
V+
≥2.7V; IOUT = +3.2mA
0.4
V (max)
and V+
≥4.5V; (4)
ISOURCE = 500µA, V
+
0.8 × V+
V (min)
2.7V
VOUT(“1”)
Logical “1” Push-Pull Output Voltage
ISOURCE = 800µA, V
+≥4.5V
V+
− 1.5
V (min)
VIH
HYST Input Logical ”1“ Threshold Voltage
0.8 × V+
V (min)
VIL
HYST Input Logical ”0“ Threshold Voltage
0.2 × V+
V (max)
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
The 1µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1nA typical current at 25°C would increase to 16nA at 85°C.
(4)
Care should be taken to include the effects of self heating when setting the maximum output load current. The power dissipation of the
LM26 would increase by 1.28mW when IOUT = 3.2mA and VOUT = 0.4V. With a thermal resistance of 250°C/W, this power dissipation
would cause an increase in the die temperature of about 0.32°C due to self heating. Self heating is not included in the trip point
accuracy specification.
Package Type
θJA
SOT-23 5 pin, DBV0005B
250°C/W
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM26


同様の部品番号 - LM26CIM5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM26CIM5-BPB TI1-LM26CIM5-BPB Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5-BPB/NOPB TI-LM26CIM5-BPB/NOPB Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
LM26CIM5-DPB TI1-LM26CIM5-DPB Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5-DPB/NOPB TI-LM26CIM5-DPB/NOPB Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26CIM5-HHD NSC-LM26CIM5-HHD Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
More results

同様の説明 - LM26CIM5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
[Old version datasheet]   LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27 Datasheet
204Kb / 9P
   SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com