データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2750SDX データシート(PDF) 4 Page - Texas Instruments

部品番号 LM2750SDX
部品情報  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2750SDX データシート(HTML) 4 Page - Texas Instruments

  LM2750SDX Datasheet HTML 1Page - Texas Instruments LM2750SDX Datasheet HTML 2Page - Texas Instruments LM2750SDX Datasheet HTML 3Page - Texas Instruments LM2750SDX Datasheet HTML 4Page - Texas Instruments LM2750SDX Datasheet HTML 5Page - Texas Instruments LM2750SDX Datasheet HTML 6Page - Texas Instruments LM2750SDX Datasheet HTML 7Page - Texas Instruments LM2750SDX Datasheet HTML 8Page - Texas Instruments LM2750SDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM2750
SNVS180L – APRIL 2002 – REVISED MAY 2013
www.ti.com
Thermal Information
Junction-to-Ambient Thermal Resistance, WSON-10
Package (
θJA)
(1)
55°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7. The test board is a 4 layer FR-4 board measuring 102mm x 76mm x 1.6mm with a 2 x 1 array
of thermal vias. The ground plane on the board is 50mm x 50mm. Thickness of copper layers are 36µm/18µm
/18µm/36µm(1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still air. Power dissipation is 1W. The value of
θJA of the
LM2750 in WSON-10 could fall in a range as wide as 50ºC/W to 150ºC/W (if not wider), depending on PCB material, layout, and
environmental conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be paid
to thermal dissipation issues. For more information on these topics, see TI's AN-1187 Application Report (SNOA401) and the LAYOUT
RECOMMENDATIONS section of this datasheet.
Electrical Characteristics
(1) (2)
Typical values and limits in standard typeface apply for TJ = 25ºC. Limits in boldface type apply over the operating junction
temperature range. Unless otherwise specified: 2.9V
≤ VIN ≤ 5.6V, VOUT = 5.0V (LM2750-ADJ), V(SD) = VIN, CFLY = 1µF, CIN =
2 x 1µF, COUT = 2 x 1µF
(3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
2.9V
≤ VIN ≤ 5.6V,
4.80
5.0
5.20
IOUT ≤ 120mA
(-4%)
(+4%)
Output Voltage
V
VOUT
(LM2750-5.0)
(%)
2.7V
≤ VIN ≤ 2.9V,
4.80
5.0
5.20
IOUT ≤ 40mA
(-4%)
(+4%)
IQ
Operating Supply Current
IOUT = 0mA,
5
10
mA
VIH(MIN) ≤ V(SD) ≤VIN
12
ISD
Shutdown Supply Current
V(SD) = 0V
2
µA
VFB
Feedback Pin Voltage (LM2750-
VIN = 3.1V
1.170
1.232
1.294
V
ADJ)
IFB
Feedback Pin Input Current
VFB = 1.4V
1
nA
(LM2750-ADJ)
VR
Output Ripple
COUT = 10µF, IOUT = 100mA
4
mVp-p
COUT = 2.2µF, IOUT = 100mA
15
EPEAK
Peak Efficiency
VIN = 2.7V, IOUT = 40mA
87
%
(LM2750-5.0)
VIN = 2.9V, IOUT = 120mA
85
EAVG
Average Efficiency over Li-Ion Input VIN Range: 2.9V - 4.2V,
70
%
Range
IOUT = 120mA
(LM2750-5.0) (4)
VIN Range: 2.9V - 4.2V,
67
IOUT = 40mA
fSW
Switching Frequency
1.0
1.7
MHz
tON
VOUT Turn-On Time
VIN= 3.0V, IOUT = 100mA,
0.5
ms
(5)
ILIM
Current Limit
VOUT shorted to GND
300
mA
Shutdown Pin (SD) Characteristics
VIH
Logic-High SD Input
1.3
VIN
V
VIL
Logic-Low SD Input
0
0.4
V
IIH
SD Input Current (6)
1.3V
≤ V(SD) ≤ VIN
15
50
µA
IIL
SD Input Current
V(SD) = 0V
−1
1
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
CFLY, CIN, and COUT : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
(4)
Efficiency is measured versus VIN, with VIN being swept in small increments from 3.0V to 4.2V. The average is calculated from these
measurements results. Weighting to account for battery voltage discharge characteristics (VBAT vs. Time) is not done in computing the
average.
(5)
Turn-on time is measured from when SD signal is pulled high until the output voltage crosses 90% of its final value.
(6)
SD Input Current (IIH ) is due to a 200kΩ (typ.) pull-down resistor connected internally between the SD pin and GND.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2750


同様の部品番号 - LM2750SDX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2750SDX-5.0 NSC-LM2750SDX-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SDX-5.0 TI-LM2750SDX-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750SDX-5.0/NOPB TI1-LM2750SDX-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SDX-ADJ NSC-LM2750SDX-ADJ Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SDX-ADJ TI-LM2750SDX-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
More results

同様の説明 - LM2750SDX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com