データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4R64FKE6D-840 データシート(PDF) 8 Page - Elpida Memory

部品番号 MC-4R64FKE6D-840
部品情報  Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R64FKE6D-840 データシート(HTML) 8 Page - Elpida Memory

Back Button MC-4R64FKE6D-840 Datasheet HTML 4Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 5Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 6Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 7Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 8Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 9Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 10Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 11Page - Elpida Memory MC-4R64FKE6D-840 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet E0271N10 (Ver 1.0)
8
MC-4R64FKE6D-840
Electrical Specification
Absolute Maximum Ratings
Symbol
Parameter
MIN.
MAX.
Unit
VI,ABS
Voltage applied to any RSL or CMOS signal pad with respect to GND
−0.3
VDD + 0.3
V
VDD,ABS
Voltage on VDD with respect to GND
−0.5
VDD + 1.0
V
TSTORE
Storage temperature
−50
+100
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Recommended Electrical Conditions
Symbol
Parameter and conditions
MIN.
MAX.
Unit
VDD
Supply voltage
2.50
− 0.13
2.50 + 0.13
V
VCMOS
CMOS I/O power supply at pad
2.5V controllers
2.5
− 0.13
2.5 + 0.25
V
1.8V controllers
1.8
− 0.1
1.8 + 0.2
VREF
Reference voltage
1.4
− 0.2
1.4 + 0.2
V
VIL
RSL input low voltage
VREF
− 0.5
VREF
− 0.2
V
VIH
RSL input high voltage
VREF + 0.2
VREF + 0.5
V
VIL,CMOS
CMOS input low voltage
−0.3
0.5VCMOS
− 0.25
V
VIH,CMOS
CMOS input high voltage
0.5VCMOS+0.25
VCMOS + 0.3
V
VOL,CMOS
CMOS output low voltage, IOL,CMOS = 1 mA
0.3
V
VOH,CMOS
CMOS output high voltage, IOH,CMOS =
−0.25 mA
VCMOS
− 0.3
V
IREF
VREF current, VREF,MAX
−20.0
+20.0
µA
ISCK,CMD
CMOS input leakage current, (0
≤ VCMOS ≤ VDD)
−20.0
+20.0
µA
ISIN,SOUT
CMOS input leakage current, (0
≤ VCMOS ≤ VDD)
−10.0
+10.0
µA


同様の部品番号 - MC-4R64FKE6D-840

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4R64FKE6D-845 ELPIDA-MC-4R64FKE6D-845 Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results

同様の説明 - MC-4R64FKE6D-840

メーカー部品番号データシート部品情報
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
MC-4R64CEE6B NEC-MC-4R64CEE6B Datasheet
126Kb / 16P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64FKE6D ELPIDA-MC-4R64FKE6D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com