データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW50-39BRL データシート(PDF) 3 Page - STMicroelectronics

部品番号 BZW50-39BRL
部品情報  Transil?? transient voltage surge suppressor (TVS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-39BRL データシート(HTML) 3 Page - STMicroelectronics

  BZW50-39BRL Datasheet HTML 1Page - STMicroelectronics BZW50-39BRL Datasheet HTML 2Page - STMicroelectronics BZW50-39BRL Datasheet HTML 3Page - STMicroelectronics BZW50-39BRL Datasheet HTML 4Page - STMicroelectronics BZW50-39BRL Datasheet HTML 5Page - STMicroelectronics BZW50-39BRL Datasheet HTML 6Page - STMicroelectronics BZW50-39BRL Datasheet HTML 7Page - STMicroelectronics BZW50-39BRL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZW50
Characteristics
Doc ID 2973 Rev 5
3/8
Table 3.
Electrical characteristics - values (Tamb = 25 °C)
Order code
IRM @ VRM
VBR @ IR
(1)
VCL @ IPP
10/1000 µs
VCL @ IPP
8/20µs
T(2)
C(3)
max
min
max
max
max
typ
Unidirectional
Bidirectional
µA
V
V
mA
V
A
V
A
10-4/ °C
pF
BZW50-10
BZW50-10B
5
10
11.1
1
18.8
266
23.4
2564
7.8
24000
BZW50-12
BZW50-12B
5
12
13.3
1
22
227
28
2143
8.4
18500
BZW50-15
BZW50-15B
5
15
16.6
1
26.9
186
35
1714
8.8
13500
BZW50-18
BZW50-18B
5
18
20
1
32.2
155
41.5
1446
9.2
11500
BZW50-22
BZW50-22B
5
22
24.4
1
39.4
127
51
1177
9.6
8500
BZW50-27
BZW50-27B
5
27
30
1
48.3
103
62
968
9.8
7000
BZW50-33
BZW50-33B
5
33
36.6
1
59
85
76
789
10
5750
BZW50-39
BZW50-39B
5
39
43.3
1
69.4
72
90
667
10.1
4800
BZW50-47
BZW50-47B
5
47
52
1
83.2
60.1
108
556
10.3
4100
BZW50-56
BZW50-56B
5
56
62.2
1
99.6
50
129
465
10.4
3400
BZW50-68
BZW50-68B
5
68
75.6
1
121
41
157
382
10.5
3000
BZW50-82
BZW50-82B
5
82
91
1
145
34
189
317
10.6
2600
BZW50-100
BZW50-100B
5
100
111
1
179
28
228
263
10.7
2300
BZW50-120
BZW50-120B
5
120
133
1
215
23
274
219
10.8
1900
BZW50-150
BZW50-150B
5
150
166
1
269
19
343
175
10.8
1700
BZW50-180
BZW50-180B
5
180
200
1
322
16
410
146
10.8
1500
1.
Pulse test: tp < 50 ms.
2.
V
BR = T · (Tamb - 25) · VBR(25°C).
3.
VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value is divided by 2.


同様の部品番号 - BZW50-39BRL

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BZW50-39B STMICROELECTRONICS-BZW50-39B Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-39B EIC-BZW50-39B Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-39B STMICROELECTRONICS-BZW50-39B Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-39B NJSEMI-BZW50-39B Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-39B NJSEMI-BZW50-39B Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - BZW50-39BRL

メーカー部品番号データシート部品情報
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com