データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-392E-L165-EP-A データシート(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

部品番号 A-392E-L165-EP-A
部品情報  0.39 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
ホームページ  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-392E-L165-EP-A データシート(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-392E-L165-EP-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-392E-L165-EP-A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.39
INCH
DUAL
DIGITS
DISPLAY
A-392E-L16.5-EP-A
REV:A / 1
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned to
normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-12-06-0038
DATE : 2013-04-10
Page : 6
Fig.3
Fig.2
Release
by
PARALIGHTDCC


同様の部品番号 - A-392E-L165-EP-A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
A-392E ETC-A-392E Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
More results

同様の説明 - A-392E-L165-EP-A

メーカー部品番号データシート部品情報
logo
PARA LIGHT ELECTRONICS ...
A-392SR-L24 PARALIGHT-A-392SR-L24 Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392E PARALIGHT-C-392E Datasheet
200Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392G PARALIGHT-C-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392G PARALIGHT-A-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392Y PARALIGHT-A-392Y Datasheet
196Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392SR-EP-A PARALIGHT-C-392SR-EP-A Datasheet
203Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com