データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-1801G データシート(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

部品番号 A-1801G
部品情報  1.8 INCH SINGLE DIGIT DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
ホームページ  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1801G データシート(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-1801G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-1801G Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1.8
INCH
SINGLE
DIGIT
DISPLAY
A-1801G
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: within 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-11-0166G-1
DATE : 2011-04-25
Page : 7
Fig.1
Release
by
PARALIGHTDCC


同様の部品番号 - A-1801G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
A-1801G ETC-A-1801G Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

同様の説明 - A-1801G

メーカー部品番号データシート部品情報
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801SR PARALIGHT-A-1801SR Datasheet
195Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
C-1801SR PARALIGHT-C-1801SR Datasheet
151Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801Y PARALIGHT-A-1801Y Datasheet
194Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-61-XX LIGITEK-LSD1805-61-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com