データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT64-06 データシート(PDF) 9 Page - Infineon Technologies AG

部品番号 BAT64-06
部品情報  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64-06 データシート(HTML) 9 Page - Infineon Technologies AG

Back Button BAT64-06 Datasheet HTML 5Page - Infineon Technologies AG BAT64-06 Datasheet HTML 6Page - Infineon Technologies AG BAT64-06 Datasheet HTML 7Page - Infineon Technologies AG BAT64-06 Datasheet HTML 8Page - Infineon Technologies AG BAT64-06 Datasheet HTML 9Page - Infineon Technologies AG BAT64-06 Datasheet HTML 10Page - Infineon Technologies AG BAT64-06 Datasheet HTML 11Page - Infineon Technologies AG BAT64-06 Datasheet HTML 12Page - Infineon Technologies AG BAT64-06 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2014-02-11
9
BAT64...
Package SCD80
Package Outline
Foot Print
Marking Layout (Example)
0.3
1
2
marking
Cathode
0.8 ±0.1
±0.1
0.7
0.13
±0.05
+0.05
-0.03
0.2 M A
A
0.35
BAR63-02W
Type code
Cathode marking
Laser marking
0.7
2
0.2
0.9
0.4
4
Standard
Reel with 2 mm Pitch
Cathode
marking
Cathode
marking
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø180 mm = 8.000 Pieces/Reel (2 mm Pitch)
Reel ø330 mm = 10.000 Pieces/Reel
2005, June
Date code


同様の部品番号 - BAT64-06

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT64-06 SIEMENS-BAT64-06 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-06 INFINEON-BAT64-06 Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Continental Device Indi...
BAT64-06 CDIL-BAT64-06 Datasheet
139Kb / 4P
   SILICON PLANAR SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64-06 KEXIN-BAT64-06 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-06 INFINEON-BAT64-06 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
More results

同様の説明 - BAT64-06

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com