データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT64-06W データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 BAT64-06W
部品情報  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64-06W データシート(HTML) 6 Page - Infineon Technologies AG

Back Button BAT64-06W Datasheet HTML 2Page - Infineon Technologies AG BAT64-06W Datasheet HTML 3Page - Infineon Technologies AG BAT64-06W Datasheet HTML 4Page - Infineon Technologies AG BAT64-06W Datasheet HTML 5Page - Infineon Technologies AG BAT64-06W Datasheet HTML 6Page - Infineon Technologies AG BAT64-06W Datasheet HTML 7Page - Infineon Technologies AG BAT64-06W Datasheet HTML 8Page - Infineon Technologies AG BAT64-06W Datasheet HTML 9Page - Infineon Technologies AG BAT64-06W Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2014-02-11
6
BAT64...
Forward current IF = ƒ (TS)
BAT64-05W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
mA
300
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAT64-02W, -02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
0
10
1
10
2
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAT64-02W, -02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
-1
10
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Puls Load RthJS = ƒ (tp)
BAT64-04W, BAT64-06W
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0


同様の部品番号 - BAT64-06W

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT64-06W SIEMENS-BAT64-06W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-06W INFINEON-BAT64-06W Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Guangdong Kexin Industr...
BAT64-06W KEXIN-BAT64-06W Datasheet
49Kb / 2P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-06W INFINEON-BAT64-06W Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
logo
Micro Commercial Compon...
BAT64-06W MCC-BAT64-06W Datasheet
641Kb / 2P
   Small Signal Schottky Diode
More results

同様の説明 - BAT64-06W

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com