データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMOC304X データシート(PDF) 1 Page - COSMO Electronics Corporation

部品番号 KMOC304X
部品情報  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC304X データシート(HTML) 1 Page - COSMO Electronics Corporation

  KMOC304X Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC304X Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42001.1
- 1 -
http://www.cosmo-ic.com
cosmo
KMOC304X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
Description
The KMOC3041 、 KMOC3042 、 KMOC3043
series consist of a GaAs infrared emitting diode
optically coupled to a monolithic silicon detector
performing the function of a zero voltage crossing
bilateral TRIAC driver. They are designed for use
with a TRIAC in the interface of logic systems to
equipment powered from 115 VAC lines, such as
solid-state
relays,
industrial
controls,
motors,
solenoids and consumer appliances, etc.
Schematic
Z.C
1
2
3
6
4
1. Anode
2. Cathode
3. NC
4. Main terminal
6. Main terminal
Features
1. Pb free and RoHS compliant.
2. 400V peak blocking voltage.
3. Simplifies logic control of 115 VAC power.
4. Zero voltage crossing.
5. Isolation voltage between input and output (Viso:5300Vms).
6. Agency Approvals:
UL1577 , File No. E169586
CUL C22.2 No.1 & NTC No.5, File No. E169586
VDE EN60747-5-5, File No. 101347
Applications
Solenoid/Valve controls
Lighting controls
Static power switches
AC motor drives
Temperature controls
E.M contactors
AC motor contactors
Solid state relay
Programmable controllers


同様の部品番号 - KMOC304X

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

同様の説明 - KMOC304X

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com