データシートサーチシステム |
|
IRF3704PBF データシート(PDF) 1 Page - International Rectifier |
|
IRF3704PBF データシート(HTML) 1 Page - International Rectifier |
1 / 11 page www.irf.com 1 7/20/04 IRF3704PbF IRF3704SPbF SMPS MOSFET HEXFET® Power MOSFET Benefits l Ultra-Low Gate Impedance l Very Low RDS(on) l Fully Characterized Avalanche Voltage and Current VDSS RDS(on) max ID 20V 9.0m Ω 77A
Notes through are on page 10 Absolute Maximum Ratings Symbol Parameter Max. Units VDS Drain-Source Voltage 20 V VGS Gate-to-Source Voltage ± 20 V ID @ TC = 25°C Continuous Drain Current, VGS @ 10V 77 ID @ TC = 70°C Continuous Drain Current, VGS @ 10V 64 A IDM Pulsed Drain Current 308 PD @TC = 25°C Maximum Power Dissipation 87 W PD @TC = 70°C Maximum Power Dissipation 61 W Linear Derating Factor 0.59 mW/°C TJ , TSTG Junction and Storage Temperature Range -55 to + 175 °C * When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994 D2Pak IRF3704S TO-220AB IRF3704 TO-262 IRF3704L Thermal Resistance Parameter Typ. Max. Units RθJC Junction-to-Case ––– 1.73 RθCS Case-to-Sink, Flat, Greased Surface 0.50 ––– °C/W RθJA Junction-to-Ambient ––– 62 RθJA Junction-to-Ambient (PCB mount) * ––– 40 IRF3704LPbF l High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use Applications l High Frequency Buck Converters for Computer Processor Power l Lead-Free PD - 95527 |
同様の部品番号 - IRF3704PBF |
|
同様の説明 - IRF3704PBF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |