データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2842BD1013TR データシート(PDF) 8 Page - STMicroelectronics

部品番号 UC2842BD1013TR
部品情報  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2842BD1013TR データシート(HTML) 8 Page - STMicroelectronics

Back Button UC2842BD1013TR Datasheet HTML 4Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 5Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 6Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 7Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 8Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 9Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 10Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 11Page - STMicroelectronics UC2842BD1013TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 15 : Error Amp Configuration.
Zi
Zf
1mA
2
1
VFB
COMP
2.5V
D95IN345
+
-
Figure 16 : Under Voltage Lockout.
UC3842B
UC3844B
UC3843B
UC3845B
16V
8.4V
10V
7.6V
VON
VOFF
Vi
ON/OFF COMMAND
TO REST OF IC
7
<0.5mA
<17mA
ICC
VCC
VOFF VON
D95IN346
Figure 17 : Current Sense Circuit .
ERROR
AMPL.
2R
R1V
CURRENT
SENSE
COMPARATOR
1
CURRENT
SENSE
COMP
C
RS
R
3
5
GND
IS
D95IN347
Peak current (is) is determined by the formula
1.0 V
IS max
RS
A small RC filter may be required to suppress switch transients.
During UVLO, the Output is low
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
8/15


同様の部品番号 - UC2842BD1013TR

メーカー部品番号データシート部品情報
logo
Motorola, Inc
UC2842BD1 MOTOROLA-UC2842BD1 Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
STMicroelectronics
UC2842BD1 STMICROELECTRONICS-UC2842BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842BD1 STMICROELECTRONICS-UC2842BD1 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC2842BD1 ONSEMI-UC2842BD1 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
logo
STMicroelectronics
UC2842BD1 STMICROELECTRONICS-UC2842BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC2842BD1013TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com