データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP2962 データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TLP2962
部品情報  Photocouplers GaAAs Infrared LED & Photo IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2962 データシート(HTML) 5 Page - Toshiba Semiconductor

  TLP2962 Datasheet HTML 1Page - Toshiba Semiconductor TLP2962 Datasheet HTML 2Page - Toshiba Semiconductor TLP2962 Datasheet HTML 3Page - Toshiba Semiconductor TLP2962 Datasheet HTML 4Page - Toshiba Semiconductor TLP2962 Datasheet HTML 5Page - Toshiba Semiconductor TLP2962 Datasheet HTML 6Page - Toshiba Semiconductor TLP2962 Datasheet HTML 7Page - Toshiba Semiconductor TLP2962 Datasheet HTML 8Page - Toshiba Semiconductor TLP2962 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLP2962
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Propagation delay time
(H/L)
Propagation delay time
(L/H)
Pulse width distortion
Propagation delay skew
(device to device)
Fall time
Rise time
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpHL
tpLH
|tpHL-
tpLH|
tpsk
tf
tr
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.5
Fig.
12.1.6
Test Condition
IF = 0→7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5→0 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 0 → 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5 → 0 mA, RL = 350 Ω,
CL = 15 pF
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 3.3V / 5 V, Ta = 25 
VCM = 1000 Vp-p, IF = 10 mA,
VCC = 3.3V / 5 V, Ta = 25 
Min
-40
±20
±20
Typ.
35
25
3
12
±25
±25
Max
75
75
35
40
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25.
Note 1: f = 5 MHz, duty = 50%, input current tr = tf = 5 ns, CL is approximately 15 pF which includes probe and stray
wiring capacitance.
Note 2: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
2014-06-13
Rev.2.0


同様の部品番号 - TLP2962

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
   Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

同様の説明 - TLP2962

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP714F TOSHIBA-TLP714F Datasheet
374Kb / 15P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2662 TOSHIBA-TLP2662 Datasheet
445Kb / 16P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
   Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
   Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
   Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com