データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP32W003050 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 TP32W003050
部品情報  Tiny washable momentary pushbutton switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TP32W003050 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  TP32W003050 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APEM
www.apem.com
B2-7
B2
TP series
Tiny washable momentary pushbutton switches
Overview
TP
SERIES
Number of poles
3
Single pole
4
Double pole
Caps
For long plunger
30
Ø 6,5 (.255)
(P/N U4310)
40
Ø 5 (.196)
(P/N U4320)
Electrical functions
2
ON
-
MOM
3
OFF
-
MOM
Terminals
P0
Straight PC
Y0
Bracket mounting
W0
Right angle, horizontal mounting
WW
Right angle, vertical mounting
MW
Wire-wrap
ABOUT THIS SERIES
On the following pages, you will find successively :
- model structure of switches
- options in the same order as in above chart
Dimensions : first dimensions are in mm while inches are shown as bracketed numbers.
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Contacts and terminal
materials
0
Brass, gold plated
1
Brass, silver plated
3
Brass, gold plated
(1,27 micron gold)
8
Contact brass, gold
plated + tin plated
terminals
9
Contact brass, gold
plated (1,27 micron
gold) + tin plated
terminals (SP only)
Plungers
• Short - standard
• Long
• Flush
Codes : see "Options" pages.
Special options
00
No special requirement
07
Trimmed terminals 3,2 (.125)
08
Extended terminals
18
Switch without ground plate
20
Ground plate with 2 pins
25
Trimmed terminals 5 (.196)
30
Wire-wrap on bracket mounting models
40
With protection cap U3500
50
Crimped ground plate pins
Packaging unit : 100 pieces, except for models with WW terminals (50 pieces).
03-Serie TP-A_03-Serie TP-A 21/11/12 14:58 Page7


同様の部品番号 - TP32W003050

メーカー部品番号データシート部品情報
logo
Transko Electronics, In...
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
   MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
logo
National Semiconductor ...
TP3200 NSC-TP3200 Datasheet
324Kb / 8P
   SLIC-MC MAGNETIC COMPENSATION SLICS
TP3204 NSC-TP3204 Datasheet
324Kb / 8P
   SLIC-MC MAGNETIC COMPENSATION SLICS
logo
3PEAK INC.
TP321 3PEAK-TP321 Datasheet
1Mb / 12P
   General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TP321-TR 3PEAK-TP321-TR Datasheet
1Mb / 12P
   General Purpose, 1MHz, Micro-Power CMOS Op-Amps
More results

同様の説明 - TP32W003050

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
   SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com