データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD817300W データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FOD817300W
部品情報  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817300W データシート(HTML) 4 Page - Fairchild Semiconductor

  FOD817300W Datasheet HTML 1Page - Fairchild Semiconductor FOD817300W Datasheet HTML 2Page - Fairchild Semiconductor FOD817300W Datasheet HTML 3Page - Fairchild Semiconductor FOD817300W Datasheet HTML 4Page - Fairchild Semiconductor FOD817300W Datasheet HTML 5Page - Fairchild Semiconductor FOD817300W Datasheet HTML 6Page - Fairchild Semiconductor FOD817300W Datasheet HTML 7Page - Fairchild Semiconductor FOD817300W Datasheet HTML 8Page - Fairchild Semiconductor FOD817300W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
4
Electrical Characteristics (T
A = 25°C Unless otherwise specified.) (Continued)
Isolation Characteristics
*Typical values at TA = 25°C
Notes:
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. For test circuit setup and waveforms, refer to page 7.
3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
Symbol
Characteristic
Device
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation
Voltage(3)
FOD814,
FOD817
f = 60Hz, t = 1 min,
II-O ≤ 2µA
5000
Vac(rms)
RISO
Isolation Resistance
FOD814,
FOD817
VI-O = 500VDC
5x1010
1x1011
CISO
Isolation Capacitance
FOD814,
FOD817
VI-O = 0, f = 1 MHz
0.6
1.0
pf


同様の部品番号 - FOD817300W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8173 ONSEMI-FOD8173 Datasheet
336Kb / 12P
   3.3 V/5 V, 20 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
August, 2018 ??Rev.1
logo
Fairchild Semiconductor
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD8173T ONSEMI-FOD8173T Datasheet
336Kb / 12P
   3.3 V/5 V, 20 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
August, 2018 ??Rev.1
More results

同様の説明 - FOD817300W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814 FAIRCHILD-FOD814_06 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com