データシートサーチシステム |
|
FQD24N08TM データシート(PDF) 2 Page - Fairchild Semiconductor |
|
FQD24N08TM データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page (Note 4) (Note 4, 5) (Note 4, 5) (Note 4) Electrical Characteristics TC = 25°C unless otherwise noted Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 0.82mH, IAS = 19.6A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C 3. ISD ≤ 24A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width ≤ 300 µs, Duty cycle ≤ 2% 5. Essentially independent of operating temperature Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 µA 80 -- -- V ∆BV DSS / ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -- 0.08 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = 80 V, VGS = 0 V -- -- 1 µA VDS = 64 V, TC = 125°C -- -- 10 µA IGSSF Gate-Body Leakage Current, Forward VGS = 25 V, VDS = 0 V -- -- 100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = -25 V, VDS = 0 V -- -- -100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 2.0 -- 4.0 V RDS(on) Static Drain-Source On-Resistance VGS = 10 V, ID = 9.8 A -- 0.048 0.06 Ω gFS Forward Transconductance VDS = 30 V, ID = 9.8 A -- 11.5 -- S Dynamic Characteristics Ciss Input Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz -- 580 750 pF Coss Output Capacitance -- 210 270 pF Crss Reverse Transfer Capacitance -- 50 65 pF Switching Characteristics td(on) Turn-On Delay Time VDD = 40 V, ID = 24 A, RG = 25 Ω -- 10 30 ns tr Turn-On Rise Time -- 105 220 ns td(off) Turn-Off Delay Time -- 30 70 ns tf Turn-Off Fall Time -- 35 80 ns Qg Total Gate Charge VDS = 64 V, ID = 24 A, VGS = 10 V -- 19 25 nC Qgs Gate-Source Charge -- 4.2 -- nC Qgd Gate-Drain Charge -- 9.6 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- 19.6 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- 78.4 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = 19.6 A -- -- 1.5 V trr Reverse Recovery Time VGS = 0 V, IS = 24 A, dIF / dt = 100 A/µs -- 63 -- ns Qrr Reverse Recovery Charge -- 130 -- nC Rev. A1. January 2009 ©2009 Fairchild Semiconductor Corporation |
同様の部品番号 - FQD24N08TM |
|
同様の説明 - FQD24N08TM |