データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-3101 データシート(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-3101
部品情報  Power MOSFET/IGBT Gate Drive Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3101 データシート(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3101 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Figure 23. Typical low level output 1 voltage
vs. ambient temperature, HCPL-3100.
Figure 25. Typical high level output 2 voltage
vs. supply voltage, HCPL-3100.
Figure 27. Typical high level output 2 voltage
vs. ambient temperature, HCPL-3100.
Figure 31. Typical low level output 2 voltage
vs. ambient temperature, HCPL-3100.
Figure 29. Typical low level output 2 voltage
vs. output 2 current, HCPL-3100.
Figure 24. Typical low level output 1 voltage
vs. ambient temperature, HCPL-3101.
Figure 26. Typical high level output 2 voltage
vs. supply voltage, HCPL-3101.
Figure 28. Typical high level output 2 voltage
vs. ambient temperature, HCPL-3101.
Figure 30. Typical low level output 2 voltage
vs. output 2 current, HCPL-3101.
0.30
0.20
0.15
0.25
0
0.10
0.05
-40
-20
0
AMBIENT TEMPERATURE TA (°C)
40
60
80
100
20
VCC1 = 12 V
VCC2 = -12 V
IF = 10 mA
IO2 = 0.1 A
0.30
0.20
0.15
0.25
0
0.10
0.05
-40
-20
0
AMBIENT TEMPERATURE TA (°C)
40
60
80
100
20
VCC1 = 12 V
VCC2 = -12 V
IF = 5 mA
IO2 = 0.1 A
30
24
21
27
12
18
15
15
18
SUPPLY VOLTAGE VCC (V)
24
27
30
21
TA = 25°C
IF = 10 mA
30
24
21
27
12
18
15
15
18
SUPPLY VOLTAGE VCC (V)
24
27
30
21
TA = 25°C
IF = 5 mA
24
23
22
20
21
-40
-20
0
AMBIENT TEMPERATURE TA (°C)
40
60
80
100
20
VCC = 24 V
IF = 10 mA
IO2 NEARLY = 0 A
IO2 = -0.1 A
24
23
22
20
21
-40
-20
0
AMBIENT TEMPERATURE TA (°C)
40
60
80
100
20
VCC = 24 V
IF = 5 mA
IO2 = NEARLY 0 A
IO2 = -0.1 A
3
2
0
1
0
0.1
0.2
O2 OUTPUT CURRENT IO2 (A)
0.3
0.4
0.5
0.6
TA = 25°C
VCC = VO1 = 24 V
IF = 0 mA
3
2
0
1
0
0.1
0.2
O2 OUTPUT CURRENT IO2 (A)
0.3
0.4
0.5
0.6
TA = 25°C
VCC = VO1 = 24 V
IF = 0 mA
0.8
0.6
0.5
0.7
0.2
0.4
0.3
-40
-20
0
AMBIENT TEMPERATURE TA (°C)
40
60
80
100
20
VCC = 24 V
IF = 0 mA
IO2 = 0.1 A


同様の部品番号 - HCPL-3101

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3101 HP-HCPL-3101 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

同様の説明 - HCPL-3101

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com