データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103BW データシート(PDF) 1 Page - Continental Device India Limited

部品番号 SD103BW
部品情報  SCHOTTKY BARRIER SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SD103BW データシート(HTML) 1 Page - Continental Device India Limited

  SD103BW Datasheet HTML 1Page - Continental Device India Limited SD103BW Datasheet HTML 2Page - Continental Device India Limited SD103BW Datasheet HTML 3Page - Continental Device India Limited SD103BW Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY BARRIER SWITCHING DIODE
SD103AW - SD103CW
SOD-123
PLASTIC PACKAGE
Marking: Date Code
Polarity: Cathode Band
SD103AW=S4
SD103BW=S5
SD103CW=S6
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR (RMS)
V
Forward Continuous Current
*IFM
mA
Non Repetitive Peak Forward Surge
Current at t < 1s
IFSM
A
Power Dissipation Ta=25ºC
*PD
mW
Operating and Storage Temperature
Range
Tj,Tstg
oC
THERMAL RESISTANCE
Junction to Ambient in free air
*Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Reverse Breakdown Voltage
**V(BR)R
IR=100µA
SD103AW
40
V
SD103BW
30
V
SD103CW
20
V
Forward Voltage
**VF
IF=20mA
V
IF=200mA
V
Reverse Current
**IR
VR=30V
SD103AW
µA
VR=20V
SD103BW
µA
VR=10V
SD103CW
µA
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
UNIT
Total Capacitance
CT
VR=0V, f=1MHz
pF
Reverse Recovery Time
trr
IF= IR =200mA,
Irr=0.1 x IR, RL=100Ω
ns
SD103AW_103CW Rev040306E
SD103AW SD103BW SD103CW
350
1.5
400
300
*Mounted on FR-4 board with recommended pad layout
**Short duration test pulse used to minimize self heating effect
5.0
5.0
5.0
28
10
TYP
40
30
20
28
21
14
V
- 65 to +125
MAX
0.37
0.60
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


同様の部品番号 - SD103BW

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
SD103BW JIANGSU-SD103BW Datasheet
731Kb / 4P
   Schottky Barrier Diode
logo
Pan Jit International I...
SD103BW PANJIT-SD103BW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SD103BW BILIN-SD103BW Datasheet
192Kb / 3P
   Schottky Barrier Diode
logo
Guangdong Kexin Industr...
SD103BW KEXIN-SD103BW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Shenzhen Luguang Electr...
SD103BW LUGUANG-SD103BW Datasheet
114Kb / 2P
   400mW Schottky Barrier Switching Diode
More results

同様の説明 - SD103BW

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
SD103AW TSC-SD103AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com