データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAW005CL データシート(PDF) 7 Page - Lineage Power Corporation

部品番号 LAW005CL
部品情報  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005CL データシート(HTML) 7 Page - Lineage Power Corporation

  LAW005CL Datasheet HTML 1Page - Lineage Power Corporation LAW005CL Datasheet HTML 2Page - Lineage Power Corporation LAW005CL Datasheet HTML 3Page - Lineage Power Corporation LAW005CL Datasheet HTML 4Page - Lineage Power Corporation LAW005CL Datasheet HTML 5Page - Lineage Power Corporation LAW005CL Datasheet HTML 6Page - Lineage Power Corporation LAW005CL Datasheet HTML 7Page - Lineage Power Corporation LAW005CL Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Lineage Power
7
Data Sheet
LAW005-Series Power Modules; dc-dc Converters:
April 2008
36 Vdc to 75 Vdc Input; 5 W
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
1-0310
Ordering Information
Table 6. Device Codes
Optional features may be ordered using the device code suffixes shown below. The feature suffixes are listed
numerically in descending order. Please contact your
Lineage Power Account Manager or Field Application Engi-
neer for pricing and availability.
Table 7. Device Options
Input Voltage
Output Voltage
Output Power
Device Code
Comcode
48 Vdc
3.3 Vdc
3.3 W
LAW005F
108070749
48 Vdc
5 Vdc
5 W
LAW005A
108070715
48 Vdc
12 Vdc
5 W
LAW005B
108070723
48 Vdc
15 Vdc
5 W
LAW005C
108070731
48 Vdc
±12 Vdc
5 W
LAW005BK
108070756
48 Vdc
±15 Vdc
5 W
LAW005CL
108070764
Option
Device Code Suffix
Short pins: 2.8 mm ± 0.25 mm (0.110 in. ± 0.010 in.)
8
23
910 11
23 22
1615 14
22.9 (0.900)
15.24
(0.600)
15.24
(0.600)
4.6
(0.18)
2.54
(0.100)
20.3
(0.80)
31.8 (1.25)


同様の部品番号 - LAW005CL

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LAW51M OSRAM-LAW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
LAW57B OSRAM-LAW57B Datasheet
491Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LAW5AM OSRAM-LAW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LAW5AP OSRAM-LAW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
More results

同様の説明 - LAW005CL

メーカー部品番号データシート部品情報
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com