データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7809AC データシート(PDF) 7 Page - STMicroelectronics

部品番号 L7809AC
部品情報  Positive voltage regulator ICs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809AC データシート(HTML) 7 Page - STMicroelectronics

Back Button L7809AC Datasheet HTML 3Page - STMicroelectronics L7809AC Datasheet HTML 4Page - STMicroelectronics L7809AC Datasheet HTML 5Page - STMicroelectronics L7809AC Datasheet HTML 6Page - STMicroelectronics L7809AC Datasheet HTML 7Page - STMicroelectronics L7809AC Datasheet HTML 8Page - STMicroelectronics L7809AC Datasheet HTML 9Page - STMicroelectronics L7809AC Datasheet HTML 10Page - STMicroelectronics L7809AC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
L78xx, L78xxC, L78xxAB, L78xxAC
Maximum ratings
Doc ID 2143 Rev 30
7/57
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= 5 to 18 V
35
V
for VO= 20, 24 V
40
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78xx
-55 to 150
°C
for L78xxC, L78xxAC
0 to 125
for L78xxAB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
D²PAK
DPAK
TO-220
TO-220FP
TO-3
Unit
RthJC
Thermal resistance junction-case
3
8
5
5
4
°C/W
RthJA
Thermal resistance junction-ambient
62.5
100
50
60
35
°C/W
Figure 4.
Application circuits


同様の部品番号 - L7809AC

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L7809AC STMICROELECTRONICS-L7809AC Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7809AC STMICROELECTRONICS-L7809AC Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7809AC STMICROELECTRONICS-L7809AC Datasheet
373Kb / 28P
   Precision 1A regulators
L7809AC STMICROELECTRONICS-L7809AC Datasheet
780Kb / 26P
   Precision 1 A regulators
L7809AC STMICROELECTRONICS-L7809AC Datasheet
780Kb / 26P
   Precision 1 A regulators
More results

同様の説明 - L7809AC

メーカー部品番号データシート部品情報
logo
STMicroelectronics
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7808ABV-DG STMICROELECTRONICS-L7808ABV-DG Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com