データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si5351A データシート(PDF) 6 Page - Silicon Laboratories

部品番号 Si5351A
部品情報  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5351A データシート(HTML) 6 Page - Silicon Laboratories

Back Button Si5351A Datasheet HTML 2Page - Silicon Laboratories Si5351A Datasheet HTML 3Page - Silicon Laboratories Si5351A Datasheet HTML 4Page - Silicon Laboratories Si5351A Datasheet HTML 5Page - Silicon Laboratories Si5351A Datasheet HTML 6Page - Silicon Laboratories Si5351A Datasheet HTML 7Page - Silicon Laboratories Si5351A Datasheet HTML 8Page - Silicon Laboratories Si5351A Datasheet HTML 9Page - Silicon Laboratories Si5351A Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 / CLOCK A ND OSCILL ATOR SELEC TOR
PCIe CLOCK FEATURES
• Full portfolio of PCI Express (PCIe) Gen 1/2/3 clocks
and buffers
• All products utilize push-pull HCSL output buffers
• Fully integrated termination resistors on
PCIe outputs
• Low power consumption
• Programmable spread spectrum
• Available hardware strapping pin for spread enable
• I2C/SMBus programmable
• Also supports LVPECL, LVDS, or CML levels
• Industrial temperature grade
• Individual output enable control
• Small form factor QFN packaging
Silicon Labs offers the lowest power, highest performance PCI-Express clock generators in the market. All devices in the
portfolio feature low power push-pull output buffer technology, providing benefits of low power consumption, reduced
external terminating resistors and smaller packaging. To optimize performance, the devices support programmable drive
strength, rise/fall times and output impedance. Basic HCSL PCIe and high-performance differential clocks and buffers are
available. Support for down spread spectrum clock generation is also provided.
PCI Express Clock Generators (PCIe)
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY
(MHz)
PHASE
JITTER
(RMS)
VDD
VDDO
OUTPUT
PACKAGE
Si52142
Pin/I2C
1/3
25 MHz
100 MHz, 25 MHz
1.0 ps
3.3 V
3.3 V
HSCL, LVCMOS
QFN24
Si52143
Pin/I2C
1/5
25 MHz
100 MHz, 25 MHz
1.0 ps
3.3 V
3.3 V
HSCL, LVCMOS
QFN24
Si52144
Pin/I2C
1/4
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN24
Si52146
Pin/I2C
1/6
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN32
Si52147
Pin/I2C
1/9
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN48
SL28SRC01
Pin
1/1
14.318 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HCSL
TSSOP16
SL28SRC02
Pin
1/2
14.318 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HCSL
TSSOP20
SL28SRC04
Pin
1/4
14.318 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HCSL
TSSOP24
Si5334
Pin
1/4
5 - 710 (Clock),
8 - 30 (Xtal)
0.16 - 710 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL, HCSL,
SSTL, HSTL
QFN24
Si5335
Pin
1/4
10 - 350 (Clock),
25/27 (Xtal)
1 - 350 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL, HCSL,
SSTL, HSTL, CML
QFN24
Si5338
I2C
1/4
5 - 710 (Clock)
8 - 30 (Xtal)
0.16 - 710 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVPECL, LVDS, LVCMOS, HCSL,
SSTL, HSTL
QFN24
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Flash Controller
Flash Controller
Nana Flash
Nana Flash
NAND Flash
NAND Flash
ASIC
ASIC
Flash Controller
Flash Controller
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Nana Flash
NAND Flash
NAND Flash
100 MHz HCSL
100 MHz HCSL
100 MHz HCSL
100 MHz HCSL
Nana Flash
Nana Flash
Nana Flash
Nana Flash
Flash Controller
Flash Controller
Nana Flash
Nana Flash
NAND Flash
NAND Flash
100 MHz HCSL
Si53154
Clock
Generator
Si53154
Clock
Generator


同様の部品番号 - Si5351A

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   Supports static phase offset
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
List of Unclassifed Man...
Si5351A-A-GM ETC2-Si5351A-A-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GT ETC2-Si5351A-A-GT Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GU ETC2-Si5351A-A-GU Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
More results

同様の説明 - Si5351A

メーカー部品番号データシート部品情報
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com