データシートサーチシステム |
|
SL1TTE8L00F データシート(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
SL1TTE8L00F データシート(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 4 page SL, SLN, TSL surface mount molded current sense resistors features • Surface mount type • Flameproof UL94V0 molded polymer case • Excellent dimension accuracy, mountability and shock resistance • Low profile type available (TSL) • Marking: Black body color with white marking or laser marking • Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb-glass contained in electrode, resistor element and glass. • AEC-Q200 Qualified ordering information D: ±0.5% F: ±1% G: ±2% J: ±5% T: Sn L: SnPb only SL1: 105mΩ ~ 22MΩ SL2: 365mΩ ~ 22MΩ ±2%, ±5%: 2 significant figures + 1 multiplier “R” indicates decimal on value <10Ω ±0.5%, ±1%: 3 significant figures + 1 multiplier “R” indicates decimal on value <100Ω All values less than 0.1Ω (100mΩ) are expressed in mΩ with “L” as decimal Example: 20mΩ, 1% = 20L0 07: 0.75W W07: 1W* 1: 1W W1: 1.5W* 2: 2W 3: 3W* SL SLZ SLN TSL SL07, SLW1, SL1, SLZ1, TSL- (TE: 7" embossed plastic) SL2, SLN2, SLN3, SL3- TED: 10" embossed plastic For further information on packaging please refer to Appendix A SL Type Size & Power Ratings Nominal Resistance Tolerance Termination Material Packaging New Part # 1 TE 20L0 F T dimensions and construction W t L a b c c Molded Resin Resistive Element Electrode .453±.012 (11.5±0.3) .276±.008 (7.0±0.2) .276±.008 (7.0±0.2) .098±.008 (2.5±0.2) .197±.008 (5.0±0.2) .094±.008 (2.4±0.2) .102±.02 (2.6±0.5) .453±.012 (11.5±0.3) .217±.008 (5.5±0.2) .100±.016 (2.55±0.4) SL1/SLW1, SLZ1 (2512) SL2/SL3 (4528) SLN2/SLN3 (4528) c b a t W L Dimensions inches (mm) .248±.012 (6.3±0.3) .122±.008 (3.1±0.2) .075±.008 (1.9±0.2) .047±.008 (1.2±0.2) .067±.008 (1.7±0.2) .063±.008 (1.6±0.2) .047±.012 (1.2±0.3) .094±.008 (2.4±0.2) SL07/SLW07 (2010) .197±.012 (5.0±0.3) .098±.008 (2.5±0.2) .067±.008 (1.7±0.2) .047±.008 (0.9±0.2) .035±.012 (1.2±0.3) .079±.008 (2.0±0.2) Size Code .122±.008 (3.1±0.2) .039±.008 (1.0±0.2) .248±.012 (6.3±0.3) .094±.008 (2.4±0.2) .047±.012 (1.2±0.3) TSL1 (2512) .028±.008 (0.7±0.2) EU * Please ask us separately about Ratings and Performance 51 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 4/30/14 |
同様の部品番号 - SL1TTE8L00F |
|
同様の説明 - SL1TTE8L00F |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |