データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S1210SST-EP-RL7 データシート(PDF) 7 Page - Analog Devices

部品番号 AD2S1210SST-EP-RL7
部品情報  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S1210SST-EP-RL7 データシート(HTML) 7 Page - Analog Devices

Back Button AD2S1210SST-EP-RL7 Datasheet HTML 3Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 4Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 5Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 6Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 7Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 8Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 9Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 10Page - Analog Devices AD2S1210SST-EP-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD2S1210-EP
Rev. 0 | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +7.0 V
DVDD to AGND, DGND
−0.3 V to +7.0 V
VDRIVE to AGND, DGND
−0.3 V to AVDD
AVDD to DVDD
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Analog Output Voltage Swing
−0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range (Ambient)
EP Grade
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance2
54°C/W
θJC Thermal Impedance2
15°C/W
RoHS-Compliant Temperature, Soldering
Reflow
260(−5/+0)oC
ESD
2 kV HBM
1 Transient currents of up to 100 mA do not cause latch-up.
2 JEDEC 2S2P standard board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


同様の部品番号 - AD2S1210SST-EP-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1210ASTZ AD-AD2S1210ASTZ Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210ASTZ AD-AD2S1210ASTZ Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1210BSTZ AD-AD2S1210BSTZ Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
More results

同様の説明 - AD2S1210SST-EP-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com