データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

338CKS035MQW データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 338CKS035MQW
部品情報  Small size - High voltage - General purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

338CKS035MQW データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  338CKS035MQW Datasheet HTML 1Page - List of Unclassifed Manufacturers 338CKS035MQW Datasheet HTML 2Page - List of Unclassifed Manufacturers 338CKS035MQW Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CKR_CKS
+85°C, Standard 2000 hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104CKR050M
1657.86
1.3
5x11
0.22
50
224CKR050M
753.575
2.9
5x11
0.33
50
334CKR050M
502.38
4.3
5x11
0.47
50
474CKR050M
352.737
6.2
5x11
0.47
100
474CKR100M
282.19
10
5x11
1
50
105CKR050M
165.79
13
5x11
1
100
105CKR100M
132.63
25
5x11
1
250
105CKR250M
331.573
18
6.3x11
1
450
105CKS450M
331.573
29
8x11.5
1
450
105CKS450MEBB 331.573
20
6.3x11
1
500
105CKS500MEBB 397.887
20
6.3x11
1.5
50
155CKR050M
110.52
18
5x11
2.2
50
225CKR050M
75.358
28
5x11
2.2
100
225CKS100M
60.286
40
5x11
2.2
250
225CKS250M
150.715
32
6.3x11
2.2
350
225CKS350M
150.715
38
6.3x11
2.2
400
225CKS400MEBB 150.715
38
6.3x11
2.2
450
225CKS450MJM
150.715
38
8x11.5
2.2
500
225CKS500MFH
180.858
34
8x11.5
3.3
50
335CKS050M
50.238
35
5x11
3.3
100
335CKS100M
40.191
45
5x11
3.3
250
335CKS250MGM 100.477
40
6.3x11
3.3
350
335CKS350MJM
100.477
55
8x11.5
3.3
400
335CKS400MJM
100.477
55
8x11.5
3.3
450
335CKS450MLM
100.477
40
10x12.5
4.7
50
475CKR050M
35.274
50
5x11
4.7
100
475CKR100M
28.219
55
5x11
4.7
250
475CKS250MGM
70.547
58
6.3x11
4.7
400
475CKS400MFH
70.547
70
8x11.5
4.7
400
475CKS400M
70.547
75
10x16
4.7
450
475CKS450M
70.547
75
10x16
4.7
450
475CKS450MLN
70.547
70
10x12.5
4.7
500 475CKS500MGBW 84.6569
68
10x16
6.8
500
685CKS500MGJG 58.5128
80
10x20
10
50
106CKR050M
16.579
75
5x11
10
63
106CKR063M
16.579
80
5x11
10
100
106CKS100MEM
13.263
80
5x11
10
160
106CKS160M
33.157
90
8x11.5
10
200
106CKS200M
33.157
100
10x12.5
10
250
106CKS250MLN
33.157
105
10x20
10
400
106CKS400MLQ
33.157
120
10x16
10
450
106CKS450MLU
33.157
80
10x20
10
450 106CKS450MGBW 33.157
105
10x16
10
500
106CKS500MTJG 39.7887
105
12.5x20
15
50
156CKR050M
11.052
78
5x11
22
50
226CKR050M
7.536
110
5x11
22
63
226CKR063M
7.536
130
6.3x11
22
63
226CKS063M
7.536
115
5x11
22
100
226CKS100M
6.029
135
6.3x11
22
100
226CKR100M
6.0286
155
8x11.5
22
160
226CKS160M
15.071
172
10x16
22
200
226CKS200MLQ
15.071
175
10x16
22
250
226CKS250MLU
15.071
195
10x20
22
350
226CKS350M
15.071
210
12.5x20
22
400
226CKS400M
15.071
210
12.5x25
22
400
226CKS400MTJG
15.071
210
12.5x20
22
450
226CKS450MNV
15.071
210
12.5x25
22
450
226CKS450M
15.071
210
16x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
22
500
226CKS500MKJH 18.0858
195
16x20
33
50
336CKS050M
5.0238
130
5x11
33
63
336CKR063M
5.0238
160
6.3x11
33
160
336CKS160M
10.048
230
10x20
33
200
336CKS200MLU
10.048
240
10x20
33
250
336CKS250M
10.048
260
12.5x20
33
350
336CKS350M
10.048
300
12.5x25
33
400
336CKS400M
10.048
260
16x25
33
400
336CKS400MTJD
10.048
300
12.5x25
33
450
336CKS450MQV
10.048
300
16x25
33
450
336CKS450M
10.048
280
16x30
33
500
336CKS500MKJD 12.0572
260
16x25
47
25
476CKR025M
4.938
130
5x11
47
35
476CKS035M
4.233
140
5x11
47
50
476CKR050M
2.822
180
6.3x11
47
63
476CKR063M
2.822
210
8x11.5
47
63
476CKS063M
2.822
190
6.3x11
47
100
476CKS100M
2.258
260
10x12.5
47
100
476CKR100M
2.258
280
10x16
47
160
476CKR160M
7.055
270
12.5x25
47
160
476CKS160MLU
7.055
285
10x21
47
200
476CKS200MTJG
7.055
310
12.5x20
47
250
476CKS250M
7.055
350
12.5x25
47
250
476CKS250MNU
7.055
310
12.5x20
47
350
476CKS350M
7.055
390
16x25
47
400
476CKS400MQV
7.055
390
16x25
47
450
476CKS450MQW
7.055
380
16x30
47
500
476CKS500MKAG 8.4657
320
16x30
68
500
686CKS500MKAD 5.8513
430
18x35
82
500
826CKS500MKCG
4.8523
500
18x40
100
16
107CKS016M
2.653
175
5x11
100
25
107CKS025MEM
2.321
180
5x11
100
35
107CKS035M
1.989
235
6.3x11
100
50
107CKR050M
1.658
310
8x11.5
100
63
107CKR063M
1.658
330
10x12.5
100
63
107CKS063MJM
1.658
325
8x11.5
100
100
107CKS100MLQ
1.326
340
10x16
100
100
107CKS100M
1.326
455
10x20
100
160
107CKS160M
3.316
490
12.5x25
100
250
107CKS250MQV
3.316
560
16x25
100
350
107CKS350M
3.316
550
18x35
100
400
107CKS400MKAD
3.316
640
16x35
100
450
107CKS450MLAD
3.316
640
18x35
100
450
107CKS450M
3.316
550
18x40
100
500
107CKS500MKCD
3.9789
590
18x45
150
35
157CKR035M
1.326
291
10x12.5
150
450
157CKS450MLCD
2.2105
850
18x45
150
450
157CKS450MLCG
2.2105
860
18x40
220
10
227CKS010M
1.507
230
5x11
220
16
227CKS016M
1.206
290
6.3x11
220
25
227CKR025M
1.055
370
8x11.5
220
25
227CKS025MGM
1.055
280
6.3x11
220
35
227CKR035M
0.904
450
10x12.5
220
35
227CKS035M
1.055
405
8x11.5
220
50
227CKS050M
0.754
510
10x12.5
220
50
227CKR050M
0.754
540
10x16
220
63
227CKS063M
0.754
615
10x16
220
100
227CKS100MNU
0.603
745
12.5x20


同様の部品番号 - 338CKS035MQW

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
338CKS035MQW ILLINOISCAPACITOR-338CKS035MQW Datasheet
293Kb / 3P
   Standard 2000 hour
338CKS035MQW ILLINOISCAPACITOR-338CKS035MQW Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
338CKS035MQW ILLINOISCAPACITOR-338CKS035MQW Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
338CKS035MQW ILLINOISCAPACITOR-338CKS035MQW Datasheet
133Kb / 1P
   Radial Lead General Purpose
More results

同様の説明 - 338CKS035MQW

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com