データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4510 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4510
部品情報  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510 データシート(HTML) 1 Page - Texas Instruments

  LM4510 Datasheet HTML 1Page - Texas Instruments LM4510 Datasheet HTML 2Page - Texas Instruments LM4510 Datasheet HTML 3Page - Texas Instruments LM4510 Datasheet HTML 4Page - Texas Instruments LM4510 Datasheet HTML 5Page - Texas Instruments LM4510 Datasheet HTML 6Page - Texas Instruments LM4510 Datasheet HTML 7Page - Texas Instruments LM4510 Datasheet HTML 8Page - Texas Instruments LM4510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
VIN 2.7V ± 5.5V
4.7 PF
LOAD
PGND
EN
AGND
COMP
SS
FB
L = 4.7 PH
VIN
SW
VOUT
CIN
CS
RF1
RF2
CC1
RC
CC2
VOUT 16.0V
COUT
10 PF
240k
20.5k
46.4k
2.2 nF
15 pF
10 nF
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
Check for Samples: LM4510
1
FEATURES
APPLICATIONS
2
18V@80 mA from 3.2V Input
Organic LED Panel Power Supply
5V@280 mA from 3.2V Input
Charging Holster
No External Schottky Diode Required
White LED Backlight
85% Peak Efficiency
USB Power Supply
Soft Start
Class D Audio Amplifier
True Shutdown Isolation
Camera Flash LED Driver
Stable with Small Ceramic or Tantalum Output
DESCRIPTION
Capacitors
The LM4510 is a current mode step-up DC/DC
Output Short-Circuit Protection
converter with a 1.2A internal NMOS switch designed
Feedback Fault Protection
to deliver up to 120 mA at 16V from a Li-Ion battery.
Input Under-Voltage Lock Out
The device's synchronous switching operation (no
Thermal Shutdown
external Schottky diode) at heavy-load, and non-
0.002 µA Shutdown Current
synchronous
switching
operation
at
light-load,
maximizes power efficiency.
Wide Input Voltage Range: 2.7V to 5.5V
True shutdown function by synchronous FET and
1.0 MHz Fixed Frequency Operation
related circuitry ensures input and output isolation.
Low-profile 10–pin SON Package (3mm x 3mm
x 0.8mm)
A programmable soft-start circuit allows the user to
limit the amount of inrush current during startup. The
output voltage can be adjusted by external resistors.
Typical Application Circuit
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM4510

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510SD NSC-LM4510SD Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510SD/NOPB TI1-LM4510SD/NOPB Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510SDX NSC-LM4510SDX Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
More results

同様の説明 - LM4510

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
ON Semiconductor
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com