データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSP2A-12V データシート(PDF) 3 Page - Panasonic Semiconductor

部品番号 DSP2A-12V
部品情報  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSP2A-12V データシート(HTML) 3 Page - Panasonic Semiconductor

  DSP2A-12V Datasheet HTML 1Page - Panasonic Semiconductor DSP2A-12V Datasheet HTML 2Page - Panasonic Semiconductor DSP2A-12V Datasheet HTML 3Page - Panasonic Semiconductor DSP2A-12V Datasheet HTML 4Page - Panasonic Semiconductor DSP2A-12V Datasheet HTML 5Page - Panasonic Semiconductor DSP2A-12V Datasheet HTML 6Page - Panasonic Semiconductor DSP2A-12V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS-P
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2 Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT.
REFERENCE DATA
s
n
o
it
a
c
i
c
e
p
S
m
e
tI
s
c
it
s
ir
e
t
c
a
r
a
h
C
Contact
A
m
r
o
F
2
B
m
r
o
F
1
A
m
r
o
F
1
A
m
r
o
F
1
t
n
e
m
e
g
n
a
r
r
A
m
0
3
.
x
a
M
.
x
a
m
,
e
c
n
a
t
s
i
s
e
r
t
c
a
t
n
o
c
l
a
it
i
n
I
Ω (By voltage drop 6 V DC 1A)
O
n
S
g
A
d
e
h
s
a
-
u
A
l
a
ir
e
t
a
m
t
c
a
t
n
o
C
2
type
Rating
Nominal switching capacity (resistive load)
8 A 250 V AC, 5A 30V DC
5 A 250 V AC, 5 A 30 V DC
W
0
5
1
,
A
V
0
5
2
,
1
W
0
5
1
,
A
V
0
0
0
,
2
)
d
a
o
l
e
v
it
s
i
s
e
r
(
r
e
w
o
p
g
n
i
h
c
ti
w
s
.
x
a
M
C
D
V
5
2
1
,
C
A
V
0
8
3
e
g
a
tl
o
v
g
n
i
h
c
ti
w
s
.
x
a
M
C
D
,
C
A
A
5
C
D
A
5
,
C
A
A
8
t
n
e
r
r
u
c
g
n
i
h
c
ti
w
s
.
x
a
M
W
m
0
0
3
r
e
w
o
p
g
n
it
a
r
e
p
o
l
a
n
i
m
o
N
Min. switching capacity (Reference value)*1
10m A 5 V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
)
.
A
m
0
1
:t
n
e
r
r
u
c
n
o
it
c
e
t
e
D
(
.
n
i
m
1
r
o
f
s
m
r
V
0
0
0
,
1
s
t
c
a
t
n
o
c
n
e
p
o
n
e
e
w
t
e
B
Between contact sets
2,000 Vrms (1 Form A 1 Form B, 2 Form A) (Detection current: 10mA.)
)
.
A
m
0
1
:t
n
e
r
r
u
c
n
o
it
c
e
t
e
D
(
.
n
i
m
1
r
o
f
s
m
r
V
0
0
0
,
3
li
o
c
d
n
a
t
c
a
t
n
o
c
n
e
e
w
t
e
B
Surge breakdown
voltage*2
V
0
0
0
,
5
li
o
c
d
n
a
s
t
c
a
t
n
o
c
n
e
e
w
t
e
b
Temperature rise (at 65
°C 149°F)
Max. 55
°C
Max. 40
°C
Max. 55
°C
Operate time [Set time] (at 20
°C 68°F)
Max. 10 ms [10 ms] (Nominal voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 5 ms [10 ms] (Nominal voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock resistance
s
/
m
6
9
1
.
n
i
M
l
a
n
o
it
c
n
u
F
2
(Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
s
/
m
0
8
9
.
n
i
M
e
v
it
c
u
r
t
s
e
D
2
(Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
0
1
:
e
m
it
n
o
it
c
e
t
e
D
(
m
m
2
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
z
H
5
5
o
t
0
1
l
a
n
o
it
c
n
u
F
µs.)
m
m
5
.
3
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
t
a
z
H
5
5
o
t
0
1
e
v
it
c
u
r
t
s
e
D
Expected life
Mechanical
Min. 5
×107 (at 180 cpm)
Electrical
Min. 105 (resistive load)
Conditions
Conditions for operation, transport and storage*3
(Not freezing and condensing at low temperature)
Ambient temperature:
–40
°C to +60°C
–40
°F to +140°F
Ambient temperature:
–40
°C to +65°C
–40
°F to +149°F
Ambient temperature:
–40
°C to +60°C
–40
°F to +140°F
Solder heating
250
°C 482°F (10s), 300°C 572°F (5s), 350°C 662°F (3s)
(Soldering depth: 2/3 terminal pitch)
Max. operating speed
3 cps
Unit weight
Approx. 4.5 g .16 oz
)
B
m
r
o
F
1
A
m
r
o
F
1
(
e
v
r
u
c
e
fi
L
)
2
(
-
.
2
)
B
m
r
o
F
1
A
m
r
o
F
1
(
e
v
r
u
c
e
fi
L
)
1
(
-
.
2
y
ti
c
a
p
a
c
g
n
i
h
c
ti
w
s
.
x
a
M
.
1
10
0.1
100
1000
Contact voltage, V
1
10
DC resistive
load (1a)
DC resistive load
(1a1b,2a)
AC resistive
load (1a)
AC resistive
load
(1a1b,2a)
100
10
0
1
2
4
7
3
6
5
Switching capacity, A
265 V·130 V AC cos
? = 1
265 V·130 V AC
cos
? = 0.4
100
50
10
5
0
1
1
5
.
0
Switching capacity, A
30 V DC L/R = 7 ms
30 V DC resistive
3.-(1) Coil temperature rise (1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
3.-(2) Coil temperature rise
(1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
3.-(3) Coil temperature rise (2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
50
60
40
10
20
30
0
80
100
120
8A
0A
Coil applied voltage, %V
50
60
40
10
20
30
0
80
100
120
5A
0A
Coil applied voltage, %V
50
60
40
10
20
30
0
80
100
120
5A
0A
Coil applied voltage, %V
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works, Ltd.


同様の部品番号 - DSP2A-12V

メーカー部品番号データシート部品情報
logo
Nais(Matsushita Electri...
DSP2A-DC12V NAIS-DSP2A-DC12V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP2a-DC12V ETC2-DSP2a-DC12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-DC12V PANASONIC-DSP2A-DC12V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
logo
Nais(Matsushita Electri...
DSP2A-DC12V-R NAIS-DSP2A-DC12V-R Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
DSP2A-DC24V NAIS-DSP2A-DC24V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
More results

同様の説明 - DSP2A-12V

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com