データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF630S データシート(PDF) 1 Page - Vishay Siliconix

部品番号 IRF630S
部品情報  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF630S データシート(HTML) 1 Page - Vishay Siliconix

  IRF630S Datasheet HTML 1Page - Vishay Siliconix IRF630S Datasheet HTML 2Page - Vishay Siliconix IRF630S Datasheet HTML 3Page - Vishay Siliconix IRF630S Datasheet HTML 4Page - Vishay Siliconix IRF630S Datasheet HTML 5Page - Vishay Siliconix IRF630S Datasheet HTML 6Page - Vishay Siliconix IRF630S Datasheet HTML 7Page - Vishay Siliconix IRF630S Datasheet HTML 8Page - Vishay Siliconix IRF630S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91032
www.vishay.com
S11-1047-Rev. C, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRF630S, SiHF630S
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2.0 W in a typical surface mount application.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
200
RDS(on) ()VGS = 10 V
0.40
Qg (Max.) (nC)
43
Qgs (nC)
7.0
Qgd (nC)
23
Configuration
Single
N-Channel MOSFET
G
D
S
K
D2PAK (TO-263)
S
D
G
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
Lead (Pb)-free and Halogen-free
SiHF630S-GE3
SiHF630STRL-GE3a
SiHF630STRR-GE3a
Lead (Pb)-free
IRF630SPbF
IRF630STRLPbFa
IRF630STRRPbFa
SiHF630S-E3
SiHF630STL-E3a
SiHF630STR-E3a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
9.0
A
TC = 100 °C
5.7
Pulsed Drain Currenta
IDM
36
Linear Derating Factor
0.59
W/°C
Linear Derating Factor (PCB Mount)e
0.025
Single Pulse Avalanche Energyb
EAS
250
mJ
Repetitive Avalanche Currenta
IAR
9.0
A
Repetitive Avalanche Energya
EAR
7.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
74
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
3.0
* Pb containing terminations are not RoHS compliant, exemptions may apply
Peak Diode Recovery dV/dtc
dV/dt
5.0
V/ns


同様の部品番号 - IRF630S

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IRF630S PHILIPS-IRF630S Datasheet
97Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
logo
TRANSYS Electronics Lim...
IRF630S TEL-IRF630S Datasheet
142Kb / 1P
   Power MOSFET
logo
Guangdong Kexin Industr...
IRF630S KEXIN-IRF630S Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF630S NJSEMI-IRF630S Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
More results

同様の説明 - IRF630S

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com