データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-3140 データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-3140
部品情報  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3140 データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3140 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Propagation Delay Time to
tPLH
0.1
0.2
0.7
µs
Rg = 47
Ω,
10,11,
14
High Output Level
Cg = 3 nF,
12,13,
Propagation Delay Time to
tPHL
0.1
0.3
0.7
µs
f = 10 kHz,
14,17
Low Output Level
Duty Cycle =
Propagation Delay
PDD
-0.5
0.5
µs
50%,
10
Difference Between Any
IF = 8 mA,
Two Parts or Channels
VCC = 30 V
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common
|CMH|
25
35
kV/
µsTA = 25°C,
18
11
Mode Transient Immunity
VCM = 1 kV
Output Low Level Common
|CML|
25
35
kV/
µs18
12
Mode Transient Immunity
Package Characteristics
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
Vrms
TA=25°C,
8,9
Withstand Voltage
RH<50% for
Input-Output Resistance
RI-O
1012
VI-O=500 V
9
Input-Output Capacitance
CI-O
0.6
pF
Freq=1 MHz
Notes:
1. Derate linearly above 70
°C free air temperature at a rate of 0.3 mA/°C.
2. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak
minimum = 0.4 A. See Application section for additional details on limiting IOL peak.
3. Derate linearly above 85
°C, free air temperature at the rate of 4.0 mW/°C.
4. Input power dissipation does not require derating.
5. Maximum pulse width = 50
µs, maximum duty cycle = 0.5%.
6. In this test, VOH is measured with a DC load current. When driving capacitive load VOH will approach VCC as IOH approaches zero amps.
7. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 4500 V
rms for 1 second (leakage detection
current limit II-O ≤ 5 µA). This test is performed before 100% production test for partial discharge (method B) shown in the IEC/EN/DIN EN
60747-5-2 Insulation Characteristics Table, if applicable.
9. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
10. PDD is the difference between tPHL and tPLH between any two parts or channels under the same test conditions.
11. Common mode transient immunity in the high state is the maximum tolerable |dVcm/dt| of the common mode pulse VCM to assure that the output
will remain in the high state (i.e. Vo > 6.0 V).
12. Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output
will remain in a low state (i.e. Vo < 1.0 V).
13. This load condition approximates the gate load of a 1200 V/25 A IGBT.
14. The power supply current increases when operating frequency and Qg of the driven IGBT increases.


同様の部品番号 - HCPL-3140

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3140 HP-HCPL-3140 Datasheet
249Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-500E AVAGO-HCPL-3140-500E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

同様の説明 - HCPL-3140

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com