データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HZZ02002G データシート(PDF) 4 Page - Power-One

部品番号 HZZ02002G
部品情報  FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

HZZ02002G データシート(HTML) 4 Page - Power-One

  HZZ02002G Datasheet HTML 1Page - Power-One HZZ02002G Datasheet HTML 2Page - Power-One HZZ02002G Datasheet HTML 3Page - Power-One HZZ02002G Datasheet HTML 4Page - Power-One HZZ02002G Datasheet HTML 5Page - Power-One HZZ02002G Datasheet HTML 6Page - Power-One HZZ02002G Datasheet HTML 7Page - Power-One HZZ02002G Datasheet HTML 8Page - Power-One HZZ02002G Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BCD.00247 Rev. AA, 07-Nov-12
Page 4 of 18
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelves Data Sheet
Output Specifications, FNP1500-12G
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/Description
Min
Nom
Max
Units
Nominal output voltage
Io = 64.5 A
12
VDC
Output voltage set point accuracy
Vi = 230 VAC, Io1 = 65.5 A, TC = 25 °C
(Factory setting)
11.93
-0.42
12
12.05
+0.42
VDC
% Vo1 nom
Output voltage trimming
Adjustable via I
2C (Vo1 set)
Adjustable via Margin pin (R input)
7
6.2
12
13
1
Vo1 set
VDC
VDC
Nominal
current
output 1
FNP1500-12G
Io1 nom @ Vi =108 VAC – 264 VAC, Po 1.5 kW
Io1 nom @ Vi = 85 VAC – 105 VAC, Po 1.2 kW
129.0
101.8
129.0
ADC
ADC
Current
limit
output 1
FNP1500-12G
Io1 max @ Vi = 108 VAC – 264 VAC droop hiccup
Io1 max @ Vi = 85 VAC – 105 VAC droop hiccup
147.4
120.2
ADC
ADC
Nominal current output 2
Io2 nom @ Vi = 85 VAC – 265 VAC, Po 12 W
1.0
1.0
ADC
Current limit output 2
Io2 max @ Vi = 85 VAC – 265 VAC
1.5
ADC
Static line regulation output 1
Vi min - Vi max, 50 % Io nom, Ta = 25 °C
-0.5
0.5
% Vo nom
Static load regulation
output 1
(droop characteristic)
Vi = 230 V, 5 - 100 % Io nom
Full load to no load [0..129 A] at Vo set = 12V
dVo1 over the setting range [7 to 13V]
11.64
-0.36
- 5.58
12
12.36
+0.36
mV/A
VDC
VDC
Static load regulation
output 2 (droop characteristic)
Full load to no load @ Vi = 85 VAC – 265 VAC
0.4
VDC
Dynamic
load
regulation
Load change 50% <─>100% I
o nom, dI
o/dt =1A/s
Voltage deviation (droop + over- or undershoot)
FNP1500-12G
-2
2
% Vo nom
FNP1500-12G
Max. recovery time to within 1% of Vo1 nom
400
s
Current Share
FNP1500-12G
Difference in current between two units for Vo1 above
10 % load.
12.9
ADC
Start-up time
Time required for output within regulation after initial
application of AC-input (Vi nom, Io nom)
after removal of inhibit (Vi nom, Io nom)
100
1.5
s
ms
Output voltage ripple and noise
(Filter 10nF/10µF)
Vi nom, Io nom, 20 MHz bandwidth
Vo1
Vo2
120
120
mVpp
mVpp
Remote sense
Total compensation for cable losses
500
mV


同様の部品番号 - HZZ02002G

メーカー部品番号データシート部品情報
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00102-G BEL-HZZ00102-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00103-G BEL-HZZ00103-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00104-G BEL-HZZ00104-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
More results

同様の説明 - HZZ02002G

メーカー部品番号データシート部品情報
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com