データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HZZ02002G データシート(PDF) 6 Page - Power-One

部品番号 HZZ02002G
部品情報  FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

HZZ02002G データシート(HTML) 6 Page - Power-One

Back Button HZZ02002G Datasheet HTML 2Page - Power-One HZZ02002G Datasheet HTML 3Page - Power-One HZZ02002G Datasheet HTML 4Page - Power-One HZZ02002G Datasheet HTML 5Page - Power-One HZZ02002G Datasheet HTML 6Page - Power-One HZZ02002G Datasheet HTML 7Page - Power-One HZZ02002G Datasheet HTML 8Page - Power-One HZZ02002G Datasheet HTML 9Page - Power-One HZZ02002G Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BCD.00247 Rev. AA, 07-Nov-12
Page 6 of 18
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelf Data Sheet
Protection
Parameter
Conditions/Description
Min
Nom
Max
Unit
Input fuse
Not user accessible
25A, fast blow
Inrush current limitation
With NTCs
Output
No-load -, short circuit - and overload proof
Overvoltage protection latching
1
Tracking
Absolute for 48V models
Absolute for 12V models
115
122
59.5
16.85
% Vo nom
V
V
Overtemperature protection
Automatic power shutdown at TC
95
°C
1 Remove input voltage to reset.
Control
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/Description
Status Indication
LEDs: DC OK (green), AC OK (green); fan fail and overtemperature (amber)
I
2C digital bus
Monitors alarm functions and sets parameters
PS present pin
Contact closure to logic ground ( internal pull-down resistor of 1 kΩ)
PS remote shutdown / Inhibit pin
TTL compatible signal, inhibited when open contact, high or at TTL logic “1”.
Signal referenced to logic return (LRTN)
Power supply OK (I
2C)1
AC OK & DC OK & no overcurrent & no overtemperature & fans working
DC current fail (I
2C)1
Overcurrent on Io1
AC fail / Power down warning
(I
2C & OC)2
Provides a warning that the input power has failed at least 5 ms before the output falls
out of regulation (<90% Vo1 set).
Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN).
AC fail will go high or open during power fail condition and will go low when input is within
the operating range.
A Power Fail warning will turn off the green AC OK LED.
DC fail / Output voltage fault
(I
2C & OC)2
Internal undervoltage and overvoltage supervision of Vo1.
Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN).
DC fail will go high or open if Vo1 is < 90% or > 110% of Vo1 set, measured in front of the
ORing FETs.
A green LED on the front panel indicates normal operation.
The LED will flash if in parallel operation Vo1 is OK, but the unit is disabled.
Temperature warning (I
2C & OC)2
I
2C critical temperature warning: Indicates that the operating temperature has reached
[Tshut-down – 10K]
I
2C & OC overtemperature warning: Indicates if the unit is in overtemperature shutdown.
Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN).
The OC-output will go low 100 ms before an overtemperature condition shuts down the
unit.
An amber LED on the front panel indicates overtemperature or fan fail.
DC voltage monitoring (I
2C)1
Monitors the voltage Vo1 at the output connector.
Accuracy ± 0.45 V over setting range, temperature and load.
DC current monitoring (I
2C)1
Monitors the output current Io1 : Accuracy ± 0.4A over the load range.
DC voltage trimming
(I
2C or external resistor)1
Output voltage trimming Vo1: ± 8 % of Vo set
Setting accuracy over I
2C: ± 50mV at Vo nom, ± 150 mV over setting range
Fan speed control (I
2C)1
Two fan speed levels automatically set depending on the internal temperature.
The fan speed can be set to full speed or automatic control.
Fan OK (I
2C & OC)2
Indicates if the fans are operating or have failed.
Synch. startup pin
Overcurrent signal which can be used for synchronous startup of units in parallel or to
recover from an overload condition. (See application note).
1 Detailed I2C information is available from the model’s I2C Manual found on the Power-One web site.
2 Provided over the I2C interface and as an open collector signal on the output connector (OC).


同様の部品番号 - HZZ02002G

メーカー部品番号データシート部品情報
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00102-G BEL-HZZ00102-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00103-G BEL-HZZ00103-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00104-G BEL-HZZ00104-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
More results

同様の説明 - HZZ02002G

メーカー部品番号データシート部品情報
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com