データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD132PNP データシート(PDF) 1 Page - Continental Device India Limited

部品番号 BD132PNP
部品情報  SILICON EPITAXIAL POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD132PNP データシート(HTML) 1 Page - Continental Device India Limited

  BD132PNP Datasheet HTML 1Page - Continental Device India Limited BD132PNP Datasheet HTML 2Page - Continental Device India Limited BD132PNP Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL POWER TRANSISTORS
BD131
NPN
BD132
PNP
TO-126
Plastic Package
General Purpose Medium Power Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD131
UNIT
Collector -Base Voltage
VCBO
70
V
Collector -Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6
V
Collector Current Continuous
IC
A
Peak
ICM
A
Base Current
Peak
IBM
A
Reverse Base Current Peak
-IBM
A
Total Device Dissipation upto Tamb=60ºC
Ptot
W
Junction Temperature
Tj
oC
Storage Temperature Range
Tstg
ºC
Thermal Resistance
From Junction to Mounting Base
Rth(j-mb)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
50
nA
50
nA
10
µA
10
µA
50
nA
50
nA
0.3
V
0.7
V
1.2
V
1.5
V
40
20
Dynamic Characteristics
Collector Capacitance
CC
60
pF
DC Current Gain Ratio of the
Complementary Pairs
BD131_132Rev_1 120403D
6
0.5
0.5
3
15
150
VEB=5V, IC=0
BD131
VCB=40V, IE=0
BD132
-65 to +150
TEST CONDITION
BD132
45
45
4
6
VCB=50V, IE=0
BD131
Emitter Cut-off Current
IEBO
VEB=3V, IC=0
BD132
Collector Cut-off Current
ICBO
VCB=50V, IE=0, Tj = 150
oC
BD131
VCB=40V, IE=0, Tj = 150
oC
BD132
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 0.5A, IB = 50mA
IC = 2A, IB = 200mA
Base-Emitter Saturation Voltage
VBE(sat)
IC = 0.5A, IB = 50mA
IC = 2A, IB = 200mA
DC Current Gain
hFE
VCE = 12V, IC = 0.5A
VCE = 1V, IC = 2A
IE = 0, VCB = 5V, f = 1MHz
BD131
Transition Frequency
fT
IC = 0.25A, VCE = 5V, f = 35MHz,
60
MHz
Tamb = 25
oC
hFE1/hFE2
VCE = 12V, IC = 0.5A
1.2
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


同様の部品番号 - BD132PNP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BD132 PHILIPS-BD132 Datasheet
71Kb / 8P
   PNP power transistor
1997 Mar 04
logo
Savantic, Inc.
BD132 SAVANTIC-BD132 Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
101Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD132 ISC-BD132 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
63Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results

同様の説明 - BD132PNP

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
BD233 CDIL-BD233 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
   EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com