データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3843 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 UC3843
部品情報  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3843 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button UC3843 Datasheet HTML 2Page - Fairchild Semiconductor UC3843 Datasheet HTML 3Page - Fairchild Semiconductor UC3843 Datasheet HTML 4Page - Fairchild Semiconductor UC3843 Datasheet HTML 5Page - Fairchild Semiconductor UC3843 Datasheet HTML 6Page - Fairchild Semiconductor UC3843 Datasheet HTML 7Page - Fairchild Semiconductor UC3843 Datasheet HTML 8Page - Fairchild Semiconductor UC3843 Datasheet HTML 9Page - Fairchild Semiconductor UC3843 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UC3842/UC3843/UC3844/UC3845
6
Figure 5. Oscillator Waveforms and Maximum Duty Cycle
Oscillator timing capacitor, CT, is charged by VREF through RT and discharged by an internal current source. During the
discharge time, the internal clock signal blanks the output to the low state. Selection of RT and CT therefore determines both
oscillator frequency and maximum duty cycle. Charge and discharge times are determined by the formulas:
tc = 0.55 RT CT
Frequency, then, is: f=(tc + td)
-1
Figure 8. Shutdown Techniques
Figure 6. Oscillator Dead Time & Frequency
Figure 7. Timing Resistance vs Frequency
t
D
R
TCTIn
0.0063R
T
2.7
0.0063R
T
4
----------------------------------------


=
ForRT
5K
Ω f
1.8
R
TCT
---------------
=
,
>
(Deadtime vs CT RT > 5kΩ)


同様の部品番号 - UC3843

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UC3843 STMICROELECTRONICS-UC3843 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC3843 TI-UC3843 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3843 FAIRCHILD-UC3843 Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3843 TI-UC3843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3843 TI-UC3843 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC3843

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com