データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1039X-T1-E3 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SI1039X-T1-E3
部品情報  P-Channel 1.8 V (G-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1039X-T1-E3 データシート(HTML) 5 Page - Vishay Siliconix

  SI1039X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NOTES:
1.
Dimensions in millimeters.
2.
Dimension D does not include mold flash, protrusions or gate
burrs. Mold flush, protrusions or gate burrs shall not exceed
0.15 mm per dimension E1 does not include interlead flash or
protrusion, interlead flash or protrusion shall not exceed
0.15 mm per side.
3.
Dimensions D and E1 are determined at the outmost extremes
of the plastic body exclusive of mold flash, the bar burrs, gate
burrs and interlead flash, but including any mismatch between
the top and the bottom of the plastic body.
4.
Datums A, B and D to be determined 0.10 mm from the lead tip.
5.
Terminal numbers are shown for reference only.
6.
These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
6
4
3
2
4
3
2
5
4
C
aaa
C
M
ccc
A–B
D
2X
e
B
6X b
C
aaa
2X
D
E/2
E
C
bbb
2X
12
3
65
4
E1
A
D
e1
L1
L
A
B
C
A1
A1
SECTION B-B
DETAIL “A”
SEE DETAIL “A”
4
3
2
5
6
Package Information
Vishay Siliconix
Document Number: 71612
25-Jun-01
www.vishay.com
1
SC89: 6 LEADS (SOT 563F)
MILLIMETERS
Tolerances
Dim
Min
Max
Note
Symbol
Of Form And
Position
A
0.56
0.60
aaa
0.10
A1
0.00
0.10
bbb
0.10
b
0.15
0.30
ccc
0.10
c
0.10
0.18
D
1.50
1.70
2, 3
E
1.55
1.70
E1
1.20 BSC
2, 3
e
0.50 BSC
e1
1.00 BSC
L
0.35 BSC
L1
0.20 BSC
ECN: E-00499—Rev. B, 02-Jul-01
DWG: 5880


同様の部品番号 - SI1039X-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1039X-T1 VISHAY-SI1039X-T1 Datasheet
59Kb / 3P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 07-Feb-05
More results

同様の説明 - SI1039X-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com