データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8S36A データシート(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SM8S36A
部品情報  Automotive Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SM8S36A データシート(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SM8S36A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S36A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S36A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S36A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM8S10 thru SM8S43A
Figure 5. Typical Transient Thermal Impedance
t - Pulse Width (s)
100
10
1
0.1
0.01
0.01
0.1
1
10
100
R
JA
θ
R
JC
θ
Figure 6. Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
100 000
10 000
1000
10
40
35
30
25
20
15
45
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at Stand-off
Voltage V
WM
Measured at Zero Bias
http://www.luguang.cn
mail:lge@luguang.cn


同様の部品番号 - SM8S36A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S36A SUNMATE-SM8S36A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SM8S36A LEIDITECH-SM8S36A Datasheet
1Mb / 6P
   6600W Transient Voltage Suppressor
logo
Vishay Siliconix
SM8S36A VISHAY-SM8S36A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Shunye Electro...
SM8S36A SHUNYE-SM8S36A Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

同様の説明 - SM8S36A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com