データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8S43 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SM8S43
部品情報  Automotive Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SM8S43 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SM8S43 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S43 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S43 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SM8S43 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM8S10 thru SM8S43A
Automotive Transient Voltage Suppressors
FEATURES
Available in uni-directional polarity only
Low leakage current
Low forward voltage drop
High surge capability
Meets ISO7637-2 surge specification (varied by
test condition)
Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: DO-218AB
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Heatsink is anode
Note:
(1) Non-repetitive current pulse derated above TA = 25 °C
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation
with 10/1000 µs waveform
with 10/10 000 µs waveform
PPPM
6600
5200
W
Power dissipation on infinite heatsink at TC = 25 °C (Fig. 1)
PD
8.0
W
Peak pulse current with 10/1000 µs waveform (1)
IPPM
see next table
A
Peak forward surge current 8.3 ms single half sine-wave
IFSM
700
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C
http://www.luguang.cn
mail:lge@luguang.cn
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
0.020(0.5)
0.028(0.7)
0.016 (0.4) Min.
0.197(5.0)
0.185(4.7)
LEAD 1
0.628(16.0)
0.592(15.0)
DO-218AB
Dimensions in
inches and (millimeters)


同様の部品番号 - SM8S43

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SM8S43 VISHAY-SM8S43 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S43 VISHAY-SM8S43 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Shunye Electro...
SM8S43 SY-SM8S43 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S43 VISHAY-SM8S43 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

同様の説明 - SM8S43

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com