データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA159 データシート(PDF) 4 Page - Continental Device India Limited

部品番号 BA159
部品情報  FAST SWITCHING PLASTIC RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BA159 データシート(HTML) 4 Page - Continental Device India Limited

  BA159 Datasheet HTML 1Page - Continental Device India Limited BA159 Datasheet HTML 2Page - Continental Device India Limited BA159 Datasheet HTML 3Page - Continental Device India Limited BA159 Datasheet HTML 4Page - Continental Device India Limited BA159 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DO-41P Package and Packaging
i
i
DIM
Min
Max
A
50.0
54.0
1. 300 mm (Min) leader tape on every roll.
B
95.0
105.0
C
5.60
6.50
2. No. of empty places allowed 0.25% without consecutive empty places.
D
1.5R
E
9.50
10.50
3. Ends of leads shall normally not protrude beyond the tapes.
F
1.25
4. Components shall be held sufficiently in the tape or tapes so that
they can not come free in normal handling.
BA157_159
Rev210503D
All Dimensions are in mm
TAPE SPECIFICATIONS
DO-41P 52 mm Tape
Continental Device India Limited
Data Sheet
Page 4 of 5


同様の部品番号 - BA159

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
BA159 NAINA-BA159 Datasheet
107Kb / 2P
   Fast Recovery Diode, 1.0A
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
HY ELECTRONIC CORP.
BA159 HY-BA159 Datasheet
825Kb / 3P
   Fast Recovery Recitifiers
logo
Vishay Siliconix
BA159 VISHAY-BA159 Datasheet
71Kb / 4P
   Fast Switching Plastic Rectifier
30-Aug-06
logo
Nanjing International G...
BA159 DGNJDZ-BA159 Datasheet
178Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results

同様の説明 - BA159

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N4933 SEMTECH_ELEC-1N4933 Datasheet
141Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
   Fast Switching Plastic Rectifiers
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com