データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL16020DCT データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SL16020DCT
部品情報  Low Jitter and Power Clock Generator with SSCG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16020DCT データシート(HTML) 6 Page - Silicon Laboratories

Back Button SL16020DCT Datasheet HTML 2Page - Silicon Laboratories SL16020DCT Datasheet HTML 3Page - Silicon Laboratories SL16020DCT Datasheet HTML 4Page - Silicon Laboratories SL16020DCT Datasheet HTML 5Page - Silicon Laboratories SL16020DCT Datasheet HTML 6Page - Silicon Laboratories SL16020DCT Datasheet HTML 7Page - Silicon Laboratories SL16020DCT Datasheet HTML 8Page - Silicon Laboratories SL16020DCT Datasheet HTML 9Page - Silicon Laboratories SL16020DCT Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev 2.2, August 1, 2010
Page 6 of 10
SL16020DC
External Resistor Dividers for 3-Level Logic Implementation
3-Level Logic
HIGH=VDD
VDD
5K
Ω
SSEL0
or
SSEL1
INPUT
7/3
3-Level Logic
LOW=VSS
VSS
5K
Ω
SSEL0
or
SSEL1
INPUT
7/3
HIGH (H) = VDD
MIDDLE (M) = VDD/2
LOW (L) = VSS
3-Level Logic
Middle=VDD/2
VSS
VDD
5K
Ω
5K
Ω
SSEL0
or
SSEL1
INPUT
7/3
Figure 3. FSEL0 and FSEL1 Spread % Selection Logic
Note: SSEL0 and SSEL1 pins use 3-Level L(LOW) = VSS, M(MIDDLE)=VDD/2 and H(HIGH) = VDD
3-Level logic to provide 9 spread % values at SSCLK (pin 5) as given in Table 5.
Use 5k
Ω/5kΩ external resistor dividers at SSEL0 and SSEL1 pins from VDD to VSS to obtain VDD/2
for M=VDD/2 Logic level as shown above in Figure 3.


同様の部品番号 - SL16020DCT

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL16020DCT SILABS-SL16020DCT Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

同様の説明 - SL16020DCT

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com