データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-Z14DTA データシート(PDF) 6 Page - Rohm

部品番号 SML-Z14DTA
部品情報  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14DTA データシート(HTML) 6 Page - Rohm

Back Button SML-Z14DTA Datasheet HTML 2Page - Rohm SML-Z14DTA Datasheet HTML 3Page - Rohm SML-Z14DTA Datasheet HTML 4Page - Rohm SML-Z14DTA Datasheet HTML 5Page - Rohm SML-Z14DTA Datasheet HTML 6Page - Rohm SML-Z14DTA Datasheet HTML 7Page - Rohm SML-Z14DTA Datasheet HTML 8Page - Rohm SML-Z14DTA Datasheet HTML 9Page - Rohm SML-Z14DTA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
lRank Reference of Brightness
*
Please note that the brightness of some products may fall between ranks (half rank).
Red(V,U)
(Ta=25ºC, IF=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14VT(A)
SML-Z14UT(A)
(Ta=25ºC, IF=50mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14V4T
SML-Z14U4T
Orange(D)
(Ta=25ºC, IF=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14DT(A)
(Ta=25ºC, IF=50mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14D4T
Yellow(Y)
(Ta=25ºC, IF=20mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14YT(A)
(Ta=25ºC, IF=50mA)
Rank
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
Iv (mcd)
28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
SML-Z14Y4T
Green(M,P)
(Ta=25ºC, IF=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-Z14MT(A)
SML-Z14PT(A)
SML-Z14FT(A)
(Ta=25ºC, IF=50mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-Z14M4T
SML-Z14P4T
SML-Z14F4T
Bluish Green(E)
(Ta=25ºC, IF=20mA)
Rank
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Iv (mcd)
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
SMLZ14EGT(A)
Blue(B)
(Ta=25ºC, IF=20mA)
Rank
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Iv (mcd)
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
SMLZ14BGT(A)
White(WB)
(Ta=25ºC, IF=20mA)
Rank
S1
S2
T1
T2
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
Iv (mcd)
90 to 110 110 to 140 140 to 180 180 to 220 220 to 280 280 to 360 360 to 450 450 to 560 560 to 710 710 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800 2800 to 3600
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
6/10
2013.08 - Rev.C


同様の部品番号 - SML-Z14DTA

メーカー部品番号データシート部品情報
logo
Rohm
SML-Z14DT ROHM-SML-Z14DT Datasheet
1Mb / 5P
   High brightness
SML-Z14DT ROHM-SML-Z14DT Datasheet
1Mb / 5P
   High brightness
SML-Z14DT ROHM-SML-Z14DT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14DT ROHM-SML-Z14DT Datasheet
536Kb / 12P
   High brightness
SML-Z14DT1P ROHM-SML-Z14DT1P Datasheet
1Mb / 5P
   High brightness
More results

同様の説明 - SML-Z14DTA

メーカー部品番号データシート部品情報
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com