データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-Z14P4T データシート(PDF) 5 Page - Rohm

部品番号 SML-Z14P4T
部品情報  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14P4T データシート(HTML) 5 Page - Rohm

  SML-Z14P4T Datasheet HTML 1Page - Rohm SML-Z14P4T Datasheet HTML 2Page - Rohm SML-Z14P4T Datasheet HTML 3Page - Rohm SML-Z14P4T Datasheet HTML 4Page - Rohm SML-Z14P4T Datasheet HTML 5Page - Rohm SML-Z14P4T Datasheet HTML 6Page - Rohm SML-Z14P4T Datasheet HTML 7Page - Rohm SML-Z14P4T Datasheet HTML 8Page - Rohm SML-Z14P4T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
lSpectrum Data
 
 
* Please take this data as a reference data for the samples are measured randomly.
* The data is relativized for each color. It is NOT to show the spectrum peaks are equal.
lViewing Angle
0
0.2
0.4
0.6
0.8
1
380
480
580
680
780
0
0.2
0.4
0.6
0.8
1
380
480
580
680
780
0
0.2
0.4
0.6
0.8
1
380
480
580
680
780
SML-Z14VT(A)
SML-Z14UT(A)
SML-Z14DT(A)
SML-Z14YT(A)
SML-Z14MT(A)
SML-Z14PT(A)
SML-Z14FT(A)
WAVELENGTH [nm]
WAVELENGTH [nm]
IF=50mA
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
IF=20mA
SML-Z14V4T
SML-Z14U4T
SML-Z14D4T
SML-Z14Y4T
SML-Z14M4T
SML-Z14P4T
SML-Z14F4T
WAVELENGTH [nm]
SMLZ14EGT(A)
SMLZ14BGT(A)
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
IF=20mA
SML-Z14 series
SMLZ14 series
5/10
2013.08 - Rev.C


同様の部品番号 - SML-Z14P4T

メーカー部品番号データシート部品情報
logo
Rohm
SML-Z14P4T ROHM-SML-Z14P4T Datasheet
1Mb / 5P
   High brightness
SML-Z14P4T ROHM-SML-Z14P4T Datasheet
1Mb / 5P
   High brightness
SML-Z14P4T ROHM-SML-Z14P4T Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
More results

同様の説明 - SML-Z14P4T

メーカー部品番号データシート部品情報
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com