データシートサーチシステム |
|
2SK1089 データシート(PDF) 1 Page - Fuji Electric |
|
2SK1089 データシート(HTML) 1 Page - Fuji Electric |
1 / 2 page 2SK1089 N-channel MOS-FET F-III Series 60V 0,035Ω 35A 80W > Features > Outline Drawing - High Current - Low On-Resistance - No Secondary Breakdown - Low Driving Power - High Forward Transconductance > Applications - Motor Control - General Purpose Power Amplifier - DC-DC converters > Maximum Ratings and Characteristics > Equivalent Circuit - Absolute Maximum Ratings (TC=25°C), unless otherwise specified Item Symbol Rating Unit Drain-Source-Voltage V DS 60 V Continous Drain Current I D 35 A Pulsed Drain Current I D(puls) 140 A Continous Reverse Drain Current I DR 35 A Gate-Source-Voltage V GS ±20 V Max. Power Dissipation P D 80 W Operating and Storage Temperature Range T ch 150 °C T stg -55 ~ +150 °C - Electrical Characteristics (TC=25°C), unless otherwise specified Item Symbol Test conditions Min. Typ. Max. Unit Drain-Source Breakdown-Voltage V (BR)DSS ID=1mA VGS=0V 60 V Gate Threshhold Voltage V GS(th) ID=1mA VDS=VGS 1,0 1,5 2,5 V Zero Gate Voltage Drain Current I DSS VDS=60V Tch=25°C 10 500 µA VGS=0V Tch=125°C 0,2 1,0 mA Gate Source Leakage Current I GSS VGS=±20V VDS=0V 10 100 nA Drain Source On-State Resistance R DS(on) ID=17,5A VGS=4V 0,037 0,056 Ω ID=17,5A VGS=10V 0,025 0,035 Ω Forward Transconductance g fs ID=17,5A VDS=25V 10 18 S Input Capacitance C iss VDS=25V 1800 2700 pF Output Capacitance C oss VGS=0V 620 930 pF Reverse Transfer Capacitance C rss f=1MHz 240 360 pF Turn-On-Time ton (ton=td(on)+tr) t d(on) VCC=30V 6 9 ns t r ID=35A 60 90 ns Turn-Off-Time toff (ton=td(off)+tf) t d(off) VGS=10V 350 530 ns t f RGS=25 Ω 150 230 ns Diode Forward On-Voltage V SD IF=2xIDR VGS=0V Tch=25°C 1,35 2,0 V Reverse Recovery Time t rr IF=IDR VGS=0V 200 ns -dIF/dt=100A/µs Tch=25°C - Thermal Characteristics Item Symbol Test conditions Min. Typ. Max. Unit Thermal Resistance R th(ch-a) channel to air 35 °C/W R th(ch-c) channel to case 1,56 °C/W Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX -75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com |
同様の部品番号 - 2SK1089 |
|
同様の説明 - 2SK1089 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |